Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BAT14-098 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT14-098
Description  Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT14-098 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BAT 14-098
Forward current IF = f (VF)
Reverse current IR = f (VR)
Forward current IF = f (TS; TA*)
*Package mounted on alumina
Diode capacitance CT = f (VR)
f = 1 MHz


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT14-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-098Silicon Schottky Diode DBS mixer application to 10 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-03WSilicon Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-04Silicon Dual Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 Siemens Semiconductor Group
BAT14-03WSilicon Schottky Diode DBS mixer application to 12GHz Medium barrier type Low capacitance 1 2 3 4 Siemens Semiconductor Group
BAT63Silicon Schottky Diode Low barrier diode for mixer and detectors up to GHz frequencies 1 2 3 Siemens Semiconductor Group
BAT62Silicon Schottky Diode Low barrier diode for detectors up to GHz frequencies. 1 2 3 Siemens Semiconductor Group
10FWJ2C48MSCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION 1 2 3 Toshiba Semiconductor
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn