Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BAT14-03W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT14-03W
Description  Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT14-03W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
Mar-01-1996
BAT 14-03W
Forward current
IF = f (VF)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
V
F
-2
10
-1
10
0
10
1
10
2
10
mA
I
F
125°C
85°C
25°C
-40°C
Reverse current
IR = f (VR)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
V
R
-3
10
-2
10
-1
10
0
10
1
10
mA
I
R
T
A
=125°C
T
A
=85°C
T
A
=25°C


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT14-098Silicon Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT14-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-098Silicon Schottky Diode DBS mixer application to 10 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-03WSilicon Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-04Silicon Dual Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 Siemens Semiconductor Group
BAT63Silicon Schottky Diode Low barrier diode for mixer and detectors up to GHz frequencies 1 2 3 Siemens Semiconductor Group
10FWJ2C48MSCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION 1 2 3 Toshiba Semiconductor
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn