Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS101A-GS18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LS101A-GS18
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101A-GS18 Datasheet(HTML) 4 Page - Vishay Siliconix

  LS101A-GS18 Datasheet HTML 1Page - Vishay Siliconix LS101A-GS18 Datasheet HTML 2Page - Vishay Siliconix LS101A-GS18 Datasheet HTML 3Page - Vishay Siliconix LS101A-GS18 Datasheet HTML 4Page - Vishay Siliconix LS101A-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 84025
For technical questions, contact: EMI-filter@vishay.com
www.vishay.com
Rev. 1.2, 12-Jan-07
1
QuadroMELF SOD80
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters (inches)
96 12071
Cathode identification
1.25 (0.049) min.
3.7 (0.146)
3.3 (0.130)
0.47 (0.019) max.
2.5 (0.098) max.
5 (0.197) ref.
Foot print recommendation:
> R3 (R0.118)
glass
The gap between plug and glass can
be either on cathode or anode side


Similar Part No. - LS101A-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS101A-GS18 VISHAY-LS101A-GS18 Datasheet
151Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 1.3, 13-Apr-04
LS101A-GS18 VISHAY-LS101A-GS18 Datasheet
167Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 21-Mar-06
LS101A-GS18 VISHAY-LS101A-GS18 Datasheet
104Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.6, 09-May-12
More results

Similar Description - LS101A-GS18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com