Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS70-06S Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BAS70-06S
Description  Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70-06S Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAS70-06S Datasheet HTML 1Page - Siemens Semiconductor Group BAS70-06S Datasheet HTML 2Page - Siemens Semiconductor Group BAS70-06S Datasheet HTML 3Page - Siemens Semiconductor Group BAS70-06S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAS 70-06S
Semiconductor Group
Sep-07-1998
4
Forward current
IF = f (VF)
TA = Parameter
0.0
EHB00042
BAS 70W/BAS 170W
Ι
V
F
F
10 -1
-2
10
0
10
1
10
2
10
mA
0.5
1.0
V
1.5
TA = -40 C
25 C
85 C
150 C
Reverse current
IR = f (VR)
TA = Parameter
0
EHB00043
Ι
V
R
R
10 -1
-3
10
0
10
1
10
2
10
A
10 -2
20
40
60
V
80
TA = 150 C
85 C
25 C
µ
BAS 70W/BAS 170W
Differential forward resistance
rf = f (IF)
f = 10 kHz
0.1
10
EHB00045
r
Ι
f
1
10
mA
100
F
0
1
10
2
10
3
10
BAS 70W/BAS 170W
Diode capacitance
CT = f (VR)
f = 1MHz
0
0.0
EHB00044
C
V
R
T
20
40
60
V
80
0.5
1.0
1.5
pF
2.0
BAS 70W/BAS 170W
Semiconductor Group
4
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAS70-04S Silicon Schottky Diode Array General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS40-07W Silicon Schottky Diode Preliminary data General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS40W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS70-07W Silicon Schottky Diode General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAS70W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS170W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS70- Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  5  Siemens Semiconductor Group
BAS140W Silicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAS40- Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  5  Siemens Semiconductor Group
BAS40 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn