Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS70- Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BAS70-
Description  Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70- Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS70- Datasheet HTML 1Page - Siemens Semiconductor Group BAS70- Datasheet HTML 2Page - Siemens Semiconductor Group BAS70- Datasheet HTML 3Page - Siemens Semiconductor Group BAS70- Datasheet HTML 4Page - Siemens Semiconductor Group BAS70- Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Silicon Schottky Diodes
BAS 70 …
q
General-purpose diodes for high-speed switching
q
Circuit protection
q
Voltage clamping
q
High-level detecting and mixing
Available with CECC quality assessment
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAS 70
Q62702-A118
73s
SOT-23
BAS 70-04
Q62702-A730
74s
BAS 70-05
Q62702-A711
75s
BAS 70-06
Q62702-A774
76s
1)
For detailed information see chapter Package Outlines.
01.97


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAS140W Silicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAS70-07W Silicon Schottky Diode General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAS170W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS40- Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  5  Siemens Semiconductor Group
BAS40W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS70W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS40-07W Silicon Schottky Diode Preliminary data General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS70-04S Silicon Schottky Diode Array General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS70-06S Silicon Schottky Diode Array General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS40 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn