Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK40DX128ZVLQ10 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MK40DX128ZVLQ10
Description  K40 Sub-Family Data Sheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX128ZVLQ10 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MK40DX128ZVLQ10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK40DX128ZVLQ10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
Field
Description
Values
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
• 512 = 512 KB
• 1M0 = 1 MB
R
Silicon revision
• Z = Initial
• (Blank) = Main
• A = Revision after main
T
Temperature range (°C)
• V = –40 to 105
• C = –40 to 85
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• FT = 48 QFN (7 mm x 7 mm)
• LF = 48 LQFP (7 mm x 7 mm)
• EX = 64 LQFN (9 mm x 9 mm)
• LH = 64 LQFP (10 mm x 10 mm)
• LK = 80 LQFP (12 mm x 12 mm)
• MB = 81 MAPBGA (8 mm x 8 mm)
• LL = 100 LQFP (14 mm x 14 mm)
• MC = 121 MAPBGA (8 mm x 8 mm)
• LQ = 144 LQFP (20 mm x 20 mm)
• MD = 144 MAPBGA (13 mm x 13 mm)
• MF = 196 MAPBGA (15 mm x 15 mm)
• MJ = 256 MAPBGA (17 mm x 17 mm)
CC
Maximum CPU frequency (MHz)
• 5 = 50 MHz
• 7 = 72 MHz
• 10 = 100 MHz
• 12 = 120 MHz
• 15 = 150 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
2.4 Example
This is an example part number:
MK40DN512ZVMD10
3 Terminology and guidelines
Terminology and guidelines
K40 Sub-Family Data Sheet Data Sheet, Rev. 6, 9/2011.
6
Freescale Semiconductor, Inc.


Similar Part No. - MK40DX128ZVLQ10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DX128VLK7 FREESCALE-MK40DX128VLK7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX128VLL7 FREESCALE-MK40DX128VLL7 Datasheet
1Mb / 73P
   K40 Sub-Family
MK40DX128VLQ10 FREESCALE-MK40DX128VLQ10 Datasheet
1Mb / 81P
   K40 Sub-Family
MK40DX128VMB7 FREESCALE-MK40DX128VMB7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX128VMD10 FREESCALE-MK40DX128VMD10 Datasheet
1Mb / 81P
   K40 Sub-Family
More results

Similar Description - MK40DX128ZVLQ10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P104M100SF2 FREESCALE-K40P104M100SF2 Datasheet
897Kb / 60P
   K40 Sub-Family Data Sheet
K40P81M100SF2 FREESCALE-K40P81M100SF2 Datasheet
876Kb / 60P
   K40 Sub-Family Data Sheet
K40P144M100SF2 FREESCALE-K40P144M100SF2 Datasheet
1,011Kb / 68P
   K40 Sub-Family Data Sheet
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
K40P144M100SF2V2 FREESCALE-K40P144M100SF2V2 Datasheet
1Mb / 81P
   K40 Sub-Family
logo
NXP Semiconductors
K40P81M72SF1 NXP-K40P81M72SF1 Datasheet
2Mb / 69P
   K40 Sub-Family
Rev. 3, 11/2012
K40P64M72SF1 NXP-K40P64M72SF1 Datasheet
2Mb / 68P
   K40 Sub-Family
Rev. 3, 11/2012
K40P100M72SF1 NXP-K40P100M72SF1 Datasheet
2Mb / 71P
   K40 Sub-Family
Rev. 3, 11/2012
logo
Freescale Semiconductor...
K40P121M100SF2V2 FREESCALE-K40P121M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com