Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1546AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # LH1546AT
Description  1 Form A Solid-State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546AT Datasheet(HTML) 6 Page - Vishay Siliconix

  LH1546AT Datasheet HTML 1Page - Vishay Siliconix LH1546AT Datasheet HTML 2Page - Vishay Siliconix LH1546AT Datasheet HTML 3Page - Vishay Siliconix LH1546AT Datasheet HTML 4Page - Vishay Siliconix LH1546AT Datasheet HTML 5Page - Vishay Siliconix LH1546AT Datasheet HTML 6Page - Vishay Siliconix LH1546AT Datasheet HTML 7Page - Vishay Siliconix LH1546AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LH1546AT, LH1546AAB, LH1546AABTR
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 25-Jul-11
6
Document Number: 83838
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - Switch Offset Voltage vs. Temperature
Fig. 18 - Turn-on Time vs. Temperature
Fig. 19 - Turn-off Time vs. Temperature
Fig. 20 - Turn-on Time vs. LED Current
Fig. 21 - Turn-off Time vs. LED Current
ilh1546at_17
0.0
0.5
1.0
1.5
2.0
2.5
25
35
45
55
65
75
85
Temperature (°C)
I
F = 5 mA
ilh1546at_18
Temperature (°C)
10
6
2
- 2
- 6
- 10
- 40
- 20
0
20
40
60
80
I
F = 5 mA
I
L = 50 mA
ilh1546at_19
8
5
2
- 1
- 4
- 7
- 10
Temperature (°C)
- 40
- 20
0
20
40
60
80
I
F = 5 mA
I
L = 50 mA
ilh1546at_20
0
1020
304050
I
L = 50 mA
T = - 40 °C
T = 20 °C
T = 85 °C
LED Forward Current (mA)
18
15
12
9
6
3
0
ilh1546at_21
T = 85 °C
T = 25 °C
T = 40 °C
LED Forward Current (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0
10
20
304050
I
L = 50 mA


Similar Part No. - LH1546AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1546AT VISHAY-LH1546AT Datasheet
77Kb / 6P
   1 Form A Solid State Relay
Revision 06-March-02
LH1546AT VISHAY-LH1546AT Datasheet
167Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546AT VISHAY-LH1546AT Datasheet
168Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1546AT-E3 VISHAY-LH1546AT-E3 Datasheet
147Kb / 9P
   1 Form A Solid State Relay
Rev. 1.0, 09-Aug-04
LH1546AT VISHAY-LH1546AT_V01 Datasheet
167Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results

Similar Description - LH1546AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com