Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1546ADFTR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1546ADFTR
Description  1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546ADFTR Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1546ADFTR Datasheet HTML 1Page - Vishay Siliconix LH1546ADFTR Datasheet HTML 2Page - Vishay Siliconix LH1546ADFTR Datasheet HTML 3Page - Vishay Siliconix LH1546ADFTR Datasheet HTML 4Page - Vishay Siliconix LH1546ADFTR Datasheet HTML 5Page - Vishay Siliconix LH1546ADFTR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LH1546AD, LH1546ADF, LH1546ADFTR
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Jul-11
3
Document Number: 83836
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
Fig. 2 - LED Voltage vs. Temperature
Fig. 3 - LED Current for Switch Turn-on vs. Temperature
Fig. 4 - CTRCB vs. LED Current
Fig. 5 - Switch Capacitance vs. Applied Voltage
Fig. 6 - Leakage Current vs. Applied Voltage
0
20
40
60
80
100
120
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
17335
I
Fon = 5 mA
I
Fon = 3 mA
I
Fon = 2 mA
ilh1546ad_01
0.1
1
10
100
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
I
F (mA)
T = - 40 °C
T = - 20 °C
T = 0 °C
T = 25 °C
T = 50 °C
T = 70 °C
T = 85 °C
- 50
0
50
100
150
200
250
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
17334
I
L = 100 mA
ilh1546ad_03
Ambient Temperature (°C)
40
30
20
10
0
- 10
- 20
- 30
- 40
- 40
- 20
0
20
40
60
80
I
F = 5.0 mA
I
L = 50 mA
ilh1546ad_04
90
80
70
60
50
40
30
20
10
0
Applied Voltage (V)
0
1020
304050607080 90 100
ilh1546ad_06
100
10
1
0.1
0
50
100 150 200 250 300 350 400
Load Voltage (V)
T = 85 °C
T = 70 °C
T = 50 °C
T = 25 °C


Similar Part No. - LH1546ADFTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1546ADFTR VISHAY-LH1546ADFTR Datasheet
200Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546ADFTR VISHAY-LH1546ADFTR Datasheet
201Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1546ADFTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com