Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1546AEF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1546AEF
Description  1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546AEF Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1546AEF Datasheet HTML 1Page - Vishay Siliconix LH1546AEF Datasheet HTML 2Page - Vishay Siliconix LH1546AEF Datasheet HTML 3Page - Vishay Siliconix LH1546AEF Datasheet HTML 4Page - Vishay Siliconix LH1546AEF Datasheet HTML 5Page - Vishay Siliconix LH1546AEF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LH1546AEF, LH1546AEFTR
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 25-Jul-11
4
Document Number: 83837
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Leakage Current vs. Applied Voltage
Fig. 8 - Turn-off Time vs. Temperature
Fig. 9 - Turn-on Time vs. LED Current
ilh1546aef_08
0
50
100
Load Voltage (V)
150 200 250 300 350 400
1
10
100
1000
10 000
ilh1546aef_09
- 80
- 60
- 40
- 20
0
20
40
60
80
- 40
- 20
0
20
40
60
Ambient Temperature (°C)
80
I
F = 10 mA
I
F = 5.0 mA
I
F = 4.0 mA
I
F = 3.0 mA
I
F = 2.0 mA
I
F = 6.0 mA
I
F = 8.0 mA
ilh1546aef_10
0
1
2
3
4
5
6
7
0
5
10 15 20 25 30 35 40 45
LED Forward Current (mA)
50
T = 85 °C
T = 25 °C
T = - 40 °C


Similar Part No. - LH1546AEF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1546AEF VISHAY-LH1546AEF Datasheet
115Kb / 7P
   1 Form A Solid-State Relay
Rev. 1.9, 16-Aug-12
LH1546AEF VISHAY-LH1546AEF Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
LH1546AEF VISHAY-LH1546AEF Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546AEF VISHAY-LH1546AEF Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1546AEFT2 VISHAY-LH1546AEFT2 Datasheet
115Kb / 7P
   1 Form A Solid-State Relay
Rev. 1.9, 16-Aug-12
More results

Similar Description - LH1546AEF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com