Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1546AEF Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. LH1546AEF
Description  1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546AEF Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1546AEF Datasheet HTML 1Page - Vishay Siliconix LH1546AEF Datasheet HTML 2Page - Vishay Siliconix LH1546AEF Datasheet HTML 3Page - Vishay Siliconix LH1546AEF Datasheet HTML 4Page - Vishay Siliconix LH1546AEF Datasheet HTML 5Page - Vishay Siliconix LH1546AEF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LH1546AEF, LH1546AEFTR
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 25-Jul-11
3
Document Number: 83837
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - LED Voltage vs. Temperature
Fig. 2 - LED Current for Switch Turn-on vs. Temperature
Fig. 3 - On-Resistance vs. Temperature
Fig. 4 - Switch Breakdown Voltage vs. Temperature
Fig. 5 - Switch Capacitance vs. Applied Voltage
Fig. 6 - Leakage Current vs. Applied Voltage
ilh1546aef_01
T
A - Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
I
F = 2 mA
I
F = 5 mA
I
F = 10 mA
I
F = 50 mA
I
F = 20 mA
I
F = 1 mA
ilh1546aef_02
Ambient Temperature (°C)
100
- 60
80
60
40
- 40
- 40
20
- 20
0
- 20
0
20
40
60
80
I
L = 100 mA
ilh1546aef_03
- 40
0
10
20
30
40
- 10
- 40
- 20
- 30
- 20
0
20
40
60
Ambient Temperature (°C)
80
I
F = 5.0 mA
I
L = 50 mA
ilh1546aef_05
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
8
0
4
2
6
- 2
- 6
- 8
- 4
ilh1546aef_06
020
40
Applied Voltage (V)
80
50
70
60
40
20
0
10
60
30
100
80
ilh1546aef_07
0
50
100
Load Voltage (V)
150 200 250 300 350 400
0.1
1
10
100
T = 85 °C
T = 70 °C
T = 50 °C
T = 25 °C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn