Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1546AEF Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. LH1546AEF
Description  1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546AEF Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1546AEF Datasheet HTML 1Page - Vishay Siliconix LH1546AEF Datasheet HTML 2Page - Vishay Siliconix LH1546AEF Datasheet HTML 3Page - Vishay Siliconix LH1546AEF Datasheet HTML 4Page - Vishay Siliconix LH1546AEF Datasheet HTML 5Page - Vishay Siliconix LH1546AEF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LH1546AEF, LH1546AEFTR
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 25-Jul-11
2
Document Number: 83837
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continuous forward current
IF
50
mA
LED reverse voltage
IR  10 μA
VR
6V
OUTPUT
DC or peak AC load voltage
IL  50 μA
VL
350
V
Continuous DC load current at 25 °C,
bidirectional
IL
120
mA
SSR
SSR output power dissipation
(continuous)
Pdiss
550
mW
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 150
°C
Soldering temperature (1)
t = 10 s max.
Tsld
260
°C
Isolation test voltage
t = 1 s
VISO
3000
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on
IL = 100 mA, t = 10 ms
IFon
1.1
2
mA
LED forward current, switch turn-off
VL = ± 300 V
IFoff
0.2
0.6
mA
LED forward voltage
IF = 10 mA
VF
1
1.18
1.45
V
OUTPUT
On-resistance, AC/DC: pin 3 (±) to 4 (±)
IF = 5 mA, IL = 50 mA
RON
28
35
Off-resistance
IF = 0 mA, VL = ± 100 V
ROFF
0.5
5000
G
Off-state leakage current
IF = 0 mA, VL = ± 100 V
IO
0.32
200
nA
IF = 0 mA, VL = ± 350 V
IO
1nA
Output capacitance pin 3 to 4
IF = 0 mA, VL = 1 V
CO
55
pF
IF = 0 mA, VL = 50 V
CO
10
pF
Current limit
IF = 5 mA, t = 5 ms, VL = ± 6 V
Ilimit
170
210
250
mA
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
0.6
pF
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 5 mA, IL = 50 mA
ton
23
ms
Turn-off time
IF = 5 mA, IL = 50 mA
toff
0.08
3
ms


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn