Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1544AB Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. LH1544AB
Description  Dual 1 Form A Solid State Relay (Low Capacitance)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1544AB Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1544AB Datasheet HTML 1Page - Vishay Siliconix LH1544AB Datasheet HTML 2Page - Vishay Siliconix LH1544AB Datasheet HTML 3Page - Vishay Siliconix LH1544AB Datasheet HTML 4Page - Vishay Siliconix LH1544AB Datasheet HTML 5Page - Vishay Siliconix LH1544AB Datasheet HTML 6Page - Vishay Siliconix LH1544AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83835
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.6, 17-Mar-11
5
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LH1544AAC, LH1544AACTR, LH1544AB
Dual 1 Form A Solid State Relay
(Low Capacitance)
Vishay Semiconductors
Fig. 13 - Switch Offset Voltage vs. LED Current
Fig. 14 - Turn-on Time vs. Temperature
Fig. 15 - Turn-off Time vs. Temperature
Fig. 16 - Turn-on Time vs. LED Current
Fig. 17 - Turn-off Time vs. LED Current
ilh1544ab_12
010
LED Forward Current (mA)
0.6
0
15
25
20
5
0.5
0.2
0.3
0.4
0.1
ilh1544ab_13
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
70
50
- 20
- 30
- 10
- 40
0
10
20
30
40
60
I
F = 5 mA
I
L = 50 mA
ilh1544ab_14
120
40
- 40
- 20
0
20
40
60
80
- 80
160
140
- 40
100
80
60
20
- 20
- 60
0
Ambient Temperature (°C)
I
F = 5 mA
I
L = 50 mA
ilh1544ab_15
0
0.5
1
1.5
2
010
20
30
40
50
LED Current (mA)
T = 85 °C
T = 25 °C
T = - 40 °C
I
L = 50 mA
0.00
0.05
0.10
0.15
0.20
0.25
LED Forward Current (mA)
17325
T = - 40 °C
T = 25 °C
T = 85 °C
I
F = 5 mA
I
L = 50 mA
0
10
20
30
40
50


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn