Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1539AAC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1539AAC
Description  1 Form A Photo Darlington Telecom Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1539AAC Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1539AAC_11 Datasheet HTML 1Page - Vishay Siliconix LH1539AAC_11 Datasheet HTML 2Page - Vishay Siliconix LH1539AAC_11 Datasheet HTML 3Page - Vishay Siliconix LH1539AAC_11 Datasheet HTML 4Page - Vishay Siliconix LH1539AAC_11 Datasheet HTML 5Page - Vishay Siliconix LH1539AAC_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 83832
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.4, 11-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 Form A Photo Darlington Telecom Switch
LH1539AAC, LH1539AACTR, LH1539AB
Vishay Semiconductors
DESCRIPTION
The LH1539 telecom switch consists of an optically isolated
solid state relay (SSR) form A and a bidirectional input
optocoupler in a single 8-pin package. The SSR is ideal for
switch hook and dial-pulse switching while the optocoupler
performs ring detect and loop current sensing functions.
Both the SSR and optocoupler provide 5300 VRMS of
input-to-output isolation voltage.
The SSR is integrated on a monolithic receptor die using
smart power technology. The SSR features low On
resistance, high breakdown voltage, and current-limit
circuitry that protects the relay from telephone line induced
lightning surges.
The optocoupler provides bidirectional current sensing via
two anti parallel GaAs infrared emitting diodes. Very high
current transfer ratio (CTR) is achieved by coupling to a
photodarlington transistor. This high CTR allows the user to
minimize the size of the ring detector capacitor.
FEATURES
• Solid state relay and autopolarity optocoupler
in one 8-pin package
• Isolation test voltage 5300 VRMS
• Surface mountable
• Optocoupler
- Bidirectional current detection
- High CTR:
 300 %
• Solid state relay
- Form A LH1525 type
- Low operating current
- Typical RON 25 
- Load voltage 400 V
- Load current 120 mA
- Current limit protection
- Linear, AC/DC operation
- Clean bounce free switching
- Low power consumption
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• General telecom switching
- On/off hook switching
- Dial pulse
- Ring current detection
- Loop current sensing
i179055-1
8
6
1
3
7
5
2
4
i179034_2
DIP
SMD
AGENCY APPROVALS
UL1577:
file no. E52744 system code H, double
protection
CSA:
certification no. 093751
BSI/BABT: certification no. 7980
ORDERING INFORMATION
L
H
1539
A
#
#
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, CSA, BSI
SMD-8, gullwing, tubes
LH1539AAC
SMD-8, gullwing, tape and reel
LH1539AACTR
DIP-8, tubes
LH1539AB
> 0.1 mm
7.62 mm
DIP
SMD


Similar Part No. - LH1539AAC_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1539AB VISHAY-LH1539AB Datasheet
381Kb / 5P
   1 Form A Photo Darlington Telecomswitch
Revision 17-August-01
More results

Similar Description - LH1539AAC_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1539AB VISHAY-LH1539AB Datasheet
381Kb / 5P
   1 Form A Photo Darlington Telecomswitch
Revision 17-August-01
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
logo
Solid State Optronic
TR115-F1 SSOUSA-TR115-F1 Datasheet
187Kb / 5P
   Telecommunications Switch Optocoupler/1 Form A Relay
TR115 SSOUSA-TR115 Datasheet
213Kb / 5P
   Telecommunications Switch Optocoupler/1 Form A Relay
logo
Marktech Corporate
MTD6170 MARKTECH-MTD6170 Datasheet
77Kb / 2P
   PHOTO DARLINGTON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com