Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1532FP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1532FP
Description  Dual 1 Form A Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1532FP Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1532FP_11 Datasheet HTML 1Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 2Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 3Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 4Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 5Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LH1532FP, LH1532FPTR
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jul-11
4
Document Number: 83830
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Leakage Current vs.
Applied Voltage at Elevated Temperatures
Fig. 8 - Turn-off Time vs. Temperature
Fig. 9 - Turn-on Time vs. LED Current
0
20
40
60
80
100
120
140
0
100
200
300
400
Load Voltage (V)
17322
T = 85 °C
T = 75 °C
T = 50 °C
ilh1532fp_08
- 80
- 60
- 40
- 20
0
20
40
60
80
- 40
- 20
0
20
40
60
Ambient Temperature (°C)
80
I
F = 10 mA
I
F = 5.0 mA
I
F = 4.0 mA
I
F = 3.0 mA
I
F = 2.0 mA
I
F = 6.0 mA
I
F = 8.0 mA
ilh1532fp_09
0
1
2
3
4
5
6
7
0
5
10 15 20 25 30 35 40 45
LED Forward Current (mA)
50
T = 85 °C
T = 25 °C
T = - 40 °C


Similar Part No. - LH1532FP_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
More results

Similar Description - LH1532FP_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com