Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1529FPTR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1529FPTR
Description  Telecom Switch - 1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529FPTR Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1529FPTR Datasheet HTML 1Page - Vishay Siliconix LH1529FPTR Datasheet HTML 2Page - Vishay Siliconix LH1529FPTR Datasheet HTML 3Page - Vishay Siliconix LH1529FPTR Datasheet HTML 4Page - Vishay Siliconix LH1529FPTR Datasheet HTML 5Page - Vishay Siliconix LH1529FPTR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LH1529FPTR, LH1529GP, LH1529GPTR
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-Aug-11
3
Document Number: 83828
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - LED Voltage vs. Temperature
Fig. 2 - LED Current for Switch Turn-on vs. Temperature
Fig. 3 - On-Resistance vs. Temperature
Fig. 4 - Current Limit vs. Temperature
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 5 mA, IL = 50 mA
ton
1.3
2.5
ms
Turn-off time
IF = 5 mA, IL = 50 mA
toff
0.1
2.5
ms
ilh1529fp_01
Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
I
F = 50 mA
I
F = 20 mA
I
F = 10 mA
I
F = 5.0 mA
I
F = 1.0 mA
I
F = 2.0 mA
ilh1529fp_02
Ambient Temperature (°C)
100
- 60
80
60
40
- 40
- 40
20
- 20
0
- 20
0
20
40
60
80
I
L = 100 mA
ilh1529fp_03
- 40
0
10
20
30
40
- 10
- 40
- 20
- 30
- 20
0
20
40
60
Ambient Temperature (°C)
80
I
F = 5.0 mA
I
L = 50 mA
ilh1529fp_04
- 40
40
10
30
20
0
- 20
- 10
- 40
- 30
- 20
0
20
40
60
Ambient Temperature (°C)
80
I
F = 5.0 mA
t = 5.0 ms
V
L = see elec. char.


Similar Part No. - LH1529FPTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
More results

Similar Description - LH1529FPTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com