Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1525AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1525AT
Description  1 Form A Solid-State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1525AT Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1525AT Datasheet HTML 1Page - Vishay Siliconix LH1525AT Datasheet HTML 2Page - Vishay Siliconix LH1525AT Datasheet HTML 3Page - Vishay Siliconix LH1525AT Datasheet HTML 4Page - Vishay Siliconix LH1525AT Datasheet HTML 5Page - Vishay Siliconix LH1525AT Datasheet HTML 6Page - Vishay Siliconix LH1525AT Datasheet HTML 7Page - Vishay Siliconix LH1525AT Datasheet HTML 8Page - Vishay Siliconix LH1525AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LH1525AT, LH1525AAB, LH1525AABTR
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 27-Jul-11
3
Document Number: 83823
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
Fig. 2 - LED Voltage vs. Temperature
Fig. 3 - LED Forward Current vs. Forward Voltage
Fig. 4 - LED Reverse Current vs. LED Reverse Voltage
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
IEC 68 part 1
40/85/21
Pollution degree
DIN VDE 0109
2
Tracking resistance
(comparative tracking index)
Insulation group llla
CTI
175
Highest allowable overvoltage
Transient overvoltage
VIOTM
8000
Vpeak
Max. working insulation voltage
Recurring peak voltage
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
 1012
Insulation resistance at TS
RIS
 109
Insulation resistance at 100 °C
RIS
 1011
Partial discharge test voltage
Methode a, Vpd = VIORM x 1.875
Vpd
1669
Vpeak
Safety limiting values -
maximum values allowed
in the event of a failure
Case temperature
TSI
175
°C
Input current
ISI
300
mA
Output power
PSO
700
mW
Minimum external air gap (clearance)
Measured from input terminals to output
terminals, shortest distance through air
 7mm
Minimum external tracking (creepage)
Measured from input terminals to output
terminals, shortest distance path along body
 7mm
0
20
40
60
80
100
120
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
17331
IFon = 3 mA to
10 mA
IFon = 2 mA
IFon = 1 mA
IFon = 0.5 mA
IFon = 0.3 mA
ilh1525at_01
Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF = 5 mA
IF = 10 mA
IF = 50 mA
IF = 20 mA
IF = 1 mA
IF = 2 mA
ilh1525at_02
120
100
80
60
40
20
0
0
0.5
1
1.5
2
T = 25 °C
T = - 40 °C
T = 8 °C
LED Forward Voltage (V)
ilh1525at_03
LED Reverse Voltage (V)
0
10
8
6
4
2
0
20
40
60
80
85 °C
25 °C
- 40 °C


Similar Part No. - LH1525AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Vishay Siliconix
LH1525AT VISHAY-LH1525AT Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1525AT VISHAY-LH1525AT Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1525AT VISHAY-LH1525AT_V01 Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1525AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com