Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1523BAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1523BAC
Description  Dual 1 Form B Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1523BAC Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1523BAC Datasheet HTML 1Page - Vishay Siliconix LH1523BAC Datasheet HTML 2Page - Vishay Siliconix LH1523BAC Datasheet HTML 3Page - Vishay Siliconix LH1523BAC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LH1523BB, LH1523BAC, LH1523BACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jul-11
2
Document Number: 83822
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Breakdown occurs between the output pins external to the package.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continuous forward current
IF
50
mA
LED reverse voltage
IR  10 μA
VR
5V
OUTPUT
DC or peak AC load voltage
IL  50 μA
VL
200
V
Continuous DC load current,
one pole operating
IL
200
mA
Continuous DC load current,
two poles operating
IL
140
mA
Peak load current (single shot)
t = 100 ms
IP
400
mA
SSR
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Pin soldering temperature (2)
t = 10 s max.
Tsld
260
°C
Input to output isolation voltage
t = 1 s, IISO = 10 μA max.
VISO
3750
VRMS
Pole-to-pole isolation voltage (S1 to S2) (1),
(dry air, dust free, at sea level)
1600
V
Output power dissipation (continuous)
Pdiss
600
mW
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on
IL = ± 200 mA, t = 10 ms
IFon
0.2
0.9
mA
LED forward current, switch turn-off
VL = ± 150 V
IFoff
12
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.22
1.45
V
OUTPUT
On-resistance
IF = 0 mA, IL = 50 mA
RON
10
15
Off-resistance
IF = 5 mA, VL = ± 100 V
ROff
0.1
1.4
G
Off-state leakage current
IF = 5 mA, VL = ± 200 V
IO
0.07
1
μA
Output capacitance
IF = 5 mA, VL = 50 V
CO
50
pF
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
3pF
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 10 mA, IL = 50 mA
ton
13
ms
Turn-off time
IF = 10 mA, IL = 50 mA
toff
23
ms


Similar Part No. - LH1523BAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1523BAC VISHAY-LH1523BAC Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
LH1523BACTR VISHAY-LH1523BACTR Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
More results

Similar Description - LH1523BAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com