Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1511BABTR Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. LH1511BABTR
Description  1 Form B Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1511BABTR Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1511BABTR Datasheet HTML 1Page - Vishay Siliconix LH1511BABTR Datasheet HTML 2Page - Vishay Siliconix LH1511BABTR Datasheet HTML 3Page - Vishay Siliconix LH1511BABTR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83811
2
Rev. 1.6, 20-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LH1511BAB, LH1511BABTR, LH1511BT
Vishay Semiconductors
1 Form B Solid State Relay
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on
IL = ± 200 mA, t = 10 ms
IFon
0.2
0.9
mA
LED forward current, switch turn-off
VL = ± 150 V
IFoff
12
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.26
1.45
V
OUTPUT
On-resistance, AC/DC: pin 4, 6 (+) to 5 (-)
IF = 0 mA, IL = 50 mA
RON
10
15
On-resistance, DC: pin 4, 6 (+) to 5 (-)
IF = 0 mA, IL = 100 mA
RON
2.5
3.75
Off-resistance
IF = 5 mA, VL = ± 100 V
ROFF
0.1
1.4
G
Off-state leakage current
IF = 5 mA, VL = ± 200 V
IO
0.07
1
μA
Output capacitance
IF = 5 mA, VL = 50 V
CO
50
pF
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
3pF
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 10 mA, IL = 50 mA
ton
1.2
3
ms
Turn-off time
IF = 10 mA, IL = 50 mA
toff
13
ms
ilh1511bt_00
90
0
60
120
150
30
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn