Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1505AAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1505AAC
Description  Dual 1 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1505AAC Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1505AAC Datasheet HTML 1Page - Vishay Siliconix LH1505AAC Datasheet HTML 2Page - Vishay Siliconix LH1505AAC Datasheet HTML 3Page - Vishay Siliconix LH1505AAC Datasheet HTML 4Page - Vishay Siliconix LH1505AAC Datasheet HTML 5Page - Vishay Siliconix LH1505AAC Datasheet HTML 6Page - Vishay Siliconix LH1505AAC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LH1505AB, LH1505AAC, LH1505AACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Jul-11
2
Document Number: 83809
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
(2) Breakdown occurs between the output pins external to the package.
(3) Refer to current limit performance application note for a discussion on relay operation during transient currents.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Note
(1) IL = 100 mA.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continuous forward current
IF
50
mA
LED reverse voltage
IR  10 μA
VR
8V
OUTPUT
DC or peak AC load voltage
IL  50 μA
VL
250
V
Continuous DC load current, one pole operating
IL
130
mA
Continuous DC load current, two poles operating
IL
120
mA
Peak load current (single shot), form B
t = 100 ms
IP
(3)
SSR
Ambient operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 150
°C
Pin soldering temperature (1)
t = 10 s max.
Tsld
260
°C
Input to output isolation test voltage
t = 1 s, IISO = 10 μA max.
VISO
5300
VRMS
Pole-to-pole isolation voltage (S1 to S2) (2),
(dry air, dust free, at sea level)
1600
V
Output power dissipation (continuous)
Pdiss
600
mW
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on
IL = 100 mA, t = 10 ms
IFon
12
mA
LED forward current, switch turn-off
VL = ± 200 V
IFoff
0.2
0.9
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.26
1.45
V
OUTPUT
On-resistance
IF = 5 mA, IL = 50 mA
RON
10
15
20
Off-resistance
IF = 0 mA, VL = ± 100 V
ROFF
0.5
5000
G
Current limit
IF = 5 mA, t = 5 ms, VL = ± 6 V
ILMT
170
200
280
mA
Off-state leakage current
IF = 0 mA, VL = ± 100 V
IO
0.02
200
nA
IF = 0 mA, VL = ± 250 V
IO
1μA
Output capacitance
IF = 0 mA, VL = 1 V
CO
55
pF
IF = 0 mA, VL = 50 V
CO
10
pF
Pole-to-pole capacitance (S1 to S2)
IF = 5 mA
0.5
pF
Switch offset
IF = 5 mA
VOS
0.15
μV
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
1.1
pF
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 5 mA, IL = 50 mA
ton
1.4 (1)
4 (1)
ms
Turn-off time
IF = 5 mA, IL = 50 mA
toff
0.7 (1)
4 (1)
ms


Similar Part No. - LH1505AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1505AAC VISHAY-LH1505AAC Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AAC VISHAY-LH1505AAC Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1505AAC VISHAY-LH1505AAC Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1505AACTR VISHAY-LH1505AACTR Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AACTR VISHAY-LH1505AACTR Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results

Similar Description - LH1505AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com