Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1505AB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1505AB
Description  Dual 1 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1505AB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1505AB Datasheet HTML 1Page - Vishay Siliconix LH1505AB Datasheet HTML 2Page - Vishay Siliconix LH1505AB Datasheet HTML 3Page - Vishay Siliconix LH1505AB Datasheet HTML 4Page - Vishay Siliconix LH1505AB Datasheet HTML 5Page - Vishay Siliconix LH1505AB Datasheet HTML 6Page - Vishay Siliconix LH1505AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LH1505AB, LH1505AAC, LH1505AACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Jul-11
3
Document Number: 83809
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
Fig. 2 - LED Voltage vs. Temperature
Fig. 3 - LED Current for Switch Turn-on vs. Temperature
Fig. 4 - Current Limit vs. Temperature
Fig. 5 - LED Dropout Voltage vs. Temperature
Fig. 6 - On-Resistance vs. Temperature
ilh1505ab_00
60
80
0
40
120
100
20
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
IFon = 2.0 mA
IFon = 3.0 mA
IFon = 4.0 mA
IFon = 5.0
to 20 mA
ilh1505ab_01
Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF = 1.0 mA
IF = 2.0 mA
IF = 20 mA
IF = 5.0 mA
IF = 10 mA
IF = 50 mA
ilh1505ab_02
Ambient Temperature (°C)
100
- 60
80
60
40
- 40
- 40
20
- 20
0
- 20
IL= 100 mA
20
040
80
60
ilh1505ab_03
- 40
40
10
30
20
0
- 20
- 10
- 40
- 30
- 20
0
20
40
60
Ambient Temperature (°C)
80
IF = 5.0 mA
t = 5.0 ms
VL = see elec. char.
ilh1505ab_04
- 40
20
0
Ambient Temperature (°C)
1.20
1.15
1.10
0.95
1.00
40
1.05
80
60
- 20
Min.
Typ.
IL = 100 mA
ilh1505ab_05
- 40
40
50
10
30
20
0
- 20
- 10
- 40
- 30
- 20
Ambient Temperature (°C)
IL = 50 mA
20
040
80
60


Similar Part No. - LH1505AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1505AB VISHAY-LH1505AB Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1505AB VISHAY-LH1505AB_V01 Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1505AB VISHAY-LH1505AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1505AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com