Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHLZ44 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHLZ44
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHLZ44 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHLZ44 Datasheet HTML 1Page - Vishay Siliconix SIHLZ44 Datasheet HTML 2Page - Vishay Siliconix SIHLZ44 Datasheet HTML 3Page - Vishay Siliconix SIHLZ44 Datasheet HTML 4Page - Vishay Siliconix SIHLZ44 Datasheet HTML 5Page - Vishay Siliconix SIHLZ44 Datasheet HTML 6Page - Vishay Siliconix SIHLZ44 Datasheet HTML 7Page - Vishay Siliconix SIHLZ44 Datasheet HTML 8Page - Vishay Siliconix SIHLZ44 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91328
www.vishay.com
S11-0520-Rev. C, 21-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRLZ44, SiHLZ44
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature


Similar Part No. - SIHLZ44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHLZ44 VISHAY-SIHLZ44 Datasheet
1Mb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
Vishay Telefunken
SIHLZ44 TFUNK-SIHLZ44 Datasheet
1Mb / 9P
   Power MOSFET
logo
Vishay Siliconix
SIHLZ44 VISHAY-SIHLZ44 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
SIHLZ44-E3 VISHAY-SIHLZ44-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
SIHLZ44-E3 VISHAY-SIHLZ44-E3 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SIHLZ44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com