Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHLU014 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIHLU014
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHLU014 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIHLU014 Datasheet HTML 2Page - Vishay Siliconix SIHLU014 Datasheet HTML 3Page - Vishay Siliconix SIHLU014 Datasheet HTML 4Page - Vishay Siliconix SIHLU014 Datasheet HTML 5Page - Vishay Siliconix SIHLU014 Datasheet HTML 6Page - Vishay Siliconix SIHLU014 Datasheet HTML 7Page - Vishay Siliconix SIHLU014 Datasheet HTML 8Page - Vishay Siliconix SIHLU014 Datasheet HTML 9Page - Vishay Siliconix SIHLU014 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 91344
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-252AA (HIGH VOLTAGE)
Notes
1. Package body sizes exclude mold flash, protrusion or gate burrs. Mold flash, protrusion or gate burrs shall not exceed 0.10 mm per side.
2. Package body sizes determined at the outermost extremes of the plastic body exclusive of mold flash, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
3. The package top may be smaller than the package bottom.
4. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10 mm total in excess of "b" dimension at maximum
material condition. The dambar cannot be located on the lower radius of the foot.
E
b3
L3
L4
b2
e
b
D
H
E1
D1
A
c2
L1
L2
c
A1
L
θ
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
E
6.40
6.73
0.252
0.265
L
1.40
1.77
0.055
0.070
L1
2.743 REF
0.108 REF
L2
0.508 BSC
0.020 BSC
L3
0.89
1.27
0.035
0.050
L4
0.64
1.01
0.025
0.040
D
6.00
6.22
0.236
0.245
H
9.40
10.40
0.370
0.409
b
0.64
0.88
0.025
0.035
b2
0.77
1.14
0.030
0.045
b3
5.21
5.46
0.205
0.215
e
2.286 BSC
0.090 BSC
A
2.20
2.38
0.087
0.094
A1
0.00
0.13
0.000
0.005
c
0.45
0.60
0.018
0.024
c2
0.45
0.58
0.018
0.023
D1
5.30
-
0.209
-
E1
4.40
-
0.173
-
θ
0'
10'
0'
10'
ECN: S-81965-Rev. A, 15-Sep-08
DWG: 5973


Similar Part No. - SIHLU014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHLU014 VISHAY-SIHLU014 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
logo
Vishay Telefunken
SIHLU014 TFUNK-SIHLU014 Datasheet
815Kb / 11P
   Power MOSFET
logo
Vishay Siliconix
SIHLU014 VISHAY-SIHLU014 Datasheet
822Kb / 13P
   Power MOSFET
01-Jan-2022
SIHLU014-E3 VISHAY-SIHLU014-E3 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
logo
VBsemi Electronics Co.,...
SIHLU014-E3 VBSEMI-SIHLU014-E3 Datasheet
964Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SIHLU014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com