Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFR010 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. IRFR010
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR010 Datasheet(HTML) 5 Page - Vishay Siliconix

  IRFR010 Datasheet HTML 1Page - Vishay Siliconix IRFR010 Datasheet HTML 2Page - Vishay Siliconix IRFR010 Datasheet HTML 3Page - Vishay Siliconix IRFR010 Datasheet HTML 4Page - Vishay Siliconix IRFR010 Datasheet HTML 5Page - Vishay Siliconix IRFR010 Datasheet HTML 6Page - Vishay Siliconix IRFR010 Datasheet HTML 7Page - Vishay Siliconix IRFR010 Datasheet HTML 8Page - Vishay Siliconix IRFR010 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 91420
www.vishay.com
S10-1510-Rev. A, 19-Jul-10
5
IRFR010, SiHFR010
Vishay Siliconix
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Breakdown Voltage vs. Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn