Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHF540STR-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHF540STR-E3
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF540STR-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHF540STR-E3 Datasheet HTML 1Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 2Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 3Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 4Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 5Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 6Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 7Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 8Page - Vishay Siliconix SIHF540STR-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91022
4
S11-1046-Rev. D, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF540S, SiHF540S
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
3000
2400
1800
1200
0
600
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91022_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
040
20
30
10
I
D = 17 A
V
DS = 20 V
V
DS = 50 V
For test circuit
see figure 13
V
DS = 80 V
91022_06
70
60
50
101
100
VSD, Source-to-Drain Voltage (V)
0.4
1.6
1.2
0.8
25
°C
150
°C
V
GS = 0 V
91022_07
10-1
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 175 °C
Single Pulse
102
0.1
2
5
2
5
1
2
5
10
25
1
25
10
25 102
25
103
25
104
91022_08
103


Similar Part No. - SIHF540STR-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF540STRL-GE3A VISHAY-SIHF540STRL-GE3A Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF540STRR-GE3A VISHAY-SIHF540STRR-GE3A Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHF540STR-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com