Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82V46 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Rev. 1.10
12
November 24, 2011
HT82V46
Analog
Input
(R, G, B)
CDS2
ADCK
OD[7:0]
DLY[1:0] = 00
23.5 ADCK
HB : High Byte; LB : Low Byte
HB LB
DLY[1:0] = 01
DLY[1:0] = 10
DLY[1:0] = 11
HB LB HB LB HB LB HB LB HB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
HB LB
LB
Figure 8 MODE3 : 1-channel Line-by-Line
Analog
Input
(R, G, B)
CDS2
ADCK
OD[7:0]
DLY[1:0] = 00
HB : High Byte; LB : Low Byte
HB LB
HB LB
16.5 ADCK
HB LB
HB LB
HB LB
DLY[1:0] = 01
DLY[1:0] = 10
DLY[1:0] = 11
HB LB
HB LB HB LB
HB LB
HB LB HB LB
HB LB HB
HB LB
HB LB HB LB
HB LB
HB LB HB LB
HB LB HB
HB
LB
Figure 9 MODE4 : 1-channel Line-by-Line


Similar Part No. - HT82V46

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
   CIS Analog Signal Processor
HT82V42 HOLTEK-HT82V42 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
HT82V48 HOLTEK-HT82V48 Datasheet
1Mb / 14P
   6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
More results

Similar Description - HT82V46

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V24 HOLTEK-HT82V24 Datasheet
241Kb / 21P
   16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com