Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF540S Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IRF540S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF540S Datasheet(HTML) 6 Page - Vishay Siliconix

  IRF540S Datasheet HTML 1Page - Vishay Siliconix IRF540S Datasheet HTML 2Page - Vishay Siliconix IRF540S Datasheet HTML 3Page - Vishay Siliconix IRF540S Datasheet HTML 4Page - Vishay Siliconix IRF540S Datasheet HTML 5Page - Vishay Siliconix IRF540S Datasheet HTML 6Page - Vishay Siliconix IRF540S Datasheet HTML 7Page - Vishay Siliconix IRF540S Datasheet HTML 8Page - Vishay Siliconix IRF540S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
Document Number: 91022
6
S11-1046-Rev. D, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF540S, SiHF540S
Vishay Siliconix
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
Rg
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
600
0
100
200
300
400
500
25
150
125
100
75
50
Starting TJ, Junction Temperature (°C)
Bottom
Top
I
D
11 A
20 A
28 A
V
DD = 25 V
91022_12c
175
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


Similar Part No. - IRF540S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF540S PHILIPS-IRF540S Datasheet
86Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
VBsemi Electronics Co.,...
IRF540S VBSEMI-IRF540S Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRF540S VISHAY-IRF540S Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF540SPBF IRF-IRF540SPBF Datasheet
2Mb / 9P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF540SPBF VISHAY-IRF540SPBF Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF540S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com