Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF530S Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. IRF530S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF530S Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF530S Datasheet HTML 1Page - Vishay Siliconix IRF530S Datasheet HTML 2Page - Vishay Siliconix IRF530S Datasheet HTML 3Page - Vishay Siliconix IRF530S Datasheet HTML 4Page - Vishay Siliconix IRF530S Datasheet HTML 5Page - Vishay Siliconix IRF530S Datasheet HTML 6Page - Vishay Siliconix IRF530S Datasheet HTML 7Page - Vishay Siliconix IRF530S Datasheet HTML 8Page - Vishay Siliconix IRF530S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91020
4
S11-1046-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF530S, SiHF530S
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1400
1200
1000
800
0
400
600
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91020_05
200
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
5
25
20
15
10
I
D = 14 A
V
DS = 20 V
V
DS = 50 V
For test circuit
see figure 13
V
DS = 80 V
91020_06
101
100
VSD, Source-to-Drain Voltage (V)
0.4
2.0
1.6
1.2
0.8
25
°C
175
°C
V
GS = 0 V
91020_07
102
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 175 °C
Single Pulse
0.1
103
0.1
2
5
1
2
5
10
2
5
2
5
25
1
25
10
25
102
25
103
91020_08


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn