Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF530S Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. IRF530S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF530S Datasheet(HTML) 3 Page - Vishay Siliconix

  IRF530S Datasheet HTML 1Page - Vishay Siliconix IRF530S Datasheet HTML 2Page - Vishay Siliconix IRF530S Datasheet HTML 3Page - Vishay Siliconix IRF530S Datasheet HTML 4Page - Vishay Siliconix IRF530S Datasheet HTML 5Page - Vishay Siliconix IRF530S Datasheet HTML 6Page - Vishay Siliconix IRF530S Datasheet HTML 7Page - Vishay Siliconix IRF530S Datasheet HTML 8Page - Vishay Siliconix IRF530S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91020
www.vishay.com
S11-1046-Rev. C, 30-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF530S, SiHF530S
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
91020_01
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
4.5 V
20 µs Pulse Width
T
C = 175 °C
91020_02
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
101
100
10-1
100
101
20 µs Pulse Width
V
DS = 50 V
VGS, Gate-to-Source Voltage (V)
56
7
8
9
10
4
25
°C
175
°C
91020_03
101
100
I
D = 14 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
- 60- 40 - 20 0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
91020_04
3.5
180


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn