Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEC2616 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VEC2616
Description  General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2616 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VEC2616 Datasheet HTML 1Page - Sanyo Semicon Device VEC2616 Datasheet HTML 2Page - Sanyo Semicon Device VEC2616 Datasheet HTML 3Page - Sanyo Semicon Device VEC2616 Datasheet HTML 4Page - Sanyo Semicon Device VEC2616 Datasheet HTML 5Page - Sanyo Semicon Device VEC2616 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VEC2616
No. A1822-4/6
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Pch]
[Pch]
SW Time -- ID
Ciss, Coss, Crss -- VDS
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
5
3
2
3
2
7
7
5
10
IT13795
IT13793
0.1
1.0
23
5
7
23
5
7
020
40
10
30
50
60
100
10
2
1000
7
5
3
2
7
5
3
IT13796
IT13794
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
VGS=0V
td(on)
td(off)
tf
t r
VDD=30V
VGS=10V
Ciss
Coss
Crss
f=1MHz
0.01
0.1
0.1
27
35
2
10
27
35
1.0
7
35
1.0
7
5
3
2
2
7
7
5
3
VDS=10V
75
°C
Ta=
--25
°C
25
°C
10
7
5
3
| yfs | -- I
D
VGS -- Qg
Total Gate Charge, Qg -- nC
04
7
9
6
23
5
18
10
0
4
6
8
10
9
7
5
1
2
3
IT13797
VDS=30V
ID=3A
--2
--1
--5
--3
--4
0
0
--0.5
--1.5
--2.0
--1.0
--2.5
0
--1.0
--0.8
--0.6
--0.1 --0.2
--0.4
--0.9
--0.7
--0.3
--0.5
IT15911
0
--1.0
--0.5
--2.0
--1.5
--3.0
--2.5
--3.5
IT15912
VGS
= --2.5V
VDS= --10V
IT15910
0.01
0.1
23 5
2 3 5 7
7
1.0
23 5 7
2
0.01
2
0.1
1.0
10
2
3
3
5
7
2
3
5
7
2
3
5
7
IDP=12A (PW≤10μs)
ID=3A
100
μs
DC
operation
(T
a=25
°C)
1ms
10ms
Operation in this area
is limited by RDS(on).
10
100
35 7
A S O
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(900mm2
×0.8mm) 1unit


Similar Part No. - VEC2616

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
VEC2616 ONSEMI-VEC2616 Datasheet
435Kb / 9P
   Power MOSFET 60V, 3A, 80m廓, ??0V, ??.5A, 137m, Complementary Dual VEC8
July, 2013
VEC2616 ONSEMI-VEC2616 Datasheet
929Kb / 7P
   Power MOSFET
October 2015 - Rev. 1
VEC2616-TL-H ONSEMI-VEC2616-TL-H Datasheet
435Kb / 9P
   Power MOSFET 60V, 3A, 80m廓, ??0V, ??.5A, 137m, Complementary Dual VEC8
July, 2013
VEC2616-TL-H ONSEMI-VEC2616-TL-H Datasheet
929Kb / 7P
   Power MOSFET
October 2015 - Rev. 1
VEC2616-TL-W ONSEMI-VEC2616-TL-W Datasheet
929Kb / 7P
   Power MOSFET
October 2015 - Rev. 1
More results

Similar Description - VEC2616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com