Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR63-02W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAR63-02W
Description  Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR63-02W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAR63-02W Datasheet HTML 1Page - Siemens Semiconductor Group BAR63-02W Datasheet HTML 2Page - Siemens Semiconductor Group BAR63-02W Datasheet HTML 3Page - Siemens Semiconductor Group BAR63-02W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAR 63-02W
Semiconductor Group
Sep-07-1998
3
Forward current
IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
0
20
40
60
80
100
120 °C
150
TA,TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
5
0
20
40
60
80
100
120 °C
150
TA,TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
TS
0
20
40
60
80
100
120 °C
150
TA,TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
TA
0
20
40
60
80
100
120 °C
150
TA,TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - BAR63-02W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR63-02W INFINEON-BAR63-02W Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-02W INFINEON-BAR63-02W Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-02W INFINEON-BAR63-02W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-02W INFINEON-BAR63-02W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Similar Description - BAR63-02W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
logo
Siemens Semiconductor G...
BAR63-W SIEMENS-BAR63-W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
Siemens Semiconductor G...
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
logo
Renesas Technology Corp
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com