Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR14-1 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAR14-1
Description  Silicon PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR14-1 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAR14-1 Datasheet HTML 1Page - Siemens Semiconductor Group BAR14-1 Datasheet HTML 2Page - Siemens Semiconductor Group BAR14-1 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
BAR 14-1
… BAR 16-1
BAR 14-1
Forward current IF = f (VF)
Forward resistance rf = f (IF)
f = 100 MHz
Forward current IF = f (TS; TA*)
*Package mounted on aluminia
Diode capacitance CT = f (VR)
I
f


Similar Part No. - BAR14-1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR14-1 INFINEON-BAR14-1 Datasheet
448Kb / 4P
   Silicon PIN Diode
Dec-20-2002
BAR14-1 INFINEON-BAR14-1 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
BAR14-1 INFINEON-BAR14-1_07 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
More results

Similar Description - BAR14-1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com