Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GT100DA120U Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. GT100DA120U
Description  Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GT100DA120U Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button GT100DA120U Datasheet HTML 2Page - Vishay Siliconix GT100DA120U Datasheet HTML 3Page - Vishay Siliconix GT100DA120U Datasheet HTML 4Page - Vishay Siliconix GT100DA120U Datasheet HTML 5Page - Vishay Siliconix GT100DA120U Datasheet HTML 6Page - Vishay Siliconix GT100DA120U Datasheet HTML 7Page - Vishay Siliconix GT100DA120U Datasheet HTML 8Page - Vishay Siliconix GT100DA120U Datasheet HTML 9Page - Vishay Siliconix GT100DA120U Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GT100DA120U
Insulated Gate Bipolar Transistor
(Trench IGBT), 100 A
Vishay Semiconductors
Document Number: 93196
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
Fig. 18a - Clamped Inductive Load Test Circuit
Fig. 18b - Pulsed Collector Current Test Circuit
Fig. 19a - Switching Loss Test Circuit
Fig. 19b - Switching Loss Waveforms Test Circuit
* Driver same type as D.U.T.; V
C = 80 % of Vce(max)
* Note: Due to the 50 V power supply, pulse width and inductor
will increase to obtain Id
50 V
1000 V
D.U.T.
L
V
C *
2
1
R
g
V
CC
D.U.T.
R =
V
CC
ICM
+
-
L
Diode clamp/
D.U.T.
D.U.T./
driver
- 5 V
+
-
R
g
V
CC
+
-
t = 5 µs
t
d(on)
t
f
t
r
90 %
t
d(off)
10 %
90 %
10 %
5 %
V
C
I
C
E
on
E
off
E
ts = (Eon + Eoff)
1
2
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn