Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIG056BF Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. TIG056BF
Description  High Power High Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG056BF Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TIG056BF Datasheet HTML 1Page - Sanyo Semicon Device TIG056BF Datasheet HTML 2Page - Sanyo Semicon Device TIG056BF Datasheet HTML 3Page - Sanyo Semicon Device TIG056BF Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIG056BF
No. A1775-3/4
Case Temperature, Tc --
°C
VGE(off) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Case Temperature, Tc --
°C
VCE(sat) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Collector-to-Emitter Voltage, VCE -- V
Cies, Coes, Cres -- VCE
SW Time -- RG
SW Time -- ICP
Collector Current (Pulse), ICP -- A
Gate Series Resistance, RG -- Ω
IT15781
050
75
100
125
150
25
--25
--50
5
6
4
3
0
1
2
IC=240A
VGE=15V
4
3
0
1
2
IT15778
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc= --25
°C
IC=240A
60A
IT15782
0
50
75
100
125
150
25
--25
--50
6
5
4
3
2
1
0
016
18
20
68
412
14
10
2
100
7
5
3
10000
1000
7
5
3
2
7
5
3
2
IT15783
Cies
Coes
Cres
f=1MHz
120A
4
3
0
1
2
IT15779
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc=25
°C
IC=240A
4
3
0
1
2
IT15780
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc=75
°C
IC=240A
23
5
7
5
3
2
100
10
IT15784
5
3
2
7
7
5
3
2
100
10
tr
td(off)
td(on)
Switching test circuit Fig.1
VGE=15V
VCC=320V
RG=10Ω
tf
0
102030
50
40
60
80
90
70
110
100
IT15785
1000
7
7
5
3
2
100
2
5
3
2
tr
td(of
f)
td(on)
tf
Switching test circuit Fig.1
VGE=15V
VCC=320V
ICP=240A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn