Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK681-332-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK681-332-E
Description  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-332-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK681-332-E Datasheet HTML 1Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 2Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 3Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 4Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 5Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 6Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 7Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 8Page - Sanyo Semicon Device STK681-332-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STK681-332-E
No. A1591-2/14
Specifications
Absolute maximum ratings
at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
VDD=0V
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +6.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +6.0
V
Output current1
IO1 max
VDD=5.0V, DC current
8.5
A
Output current2
IO2 max
VDD=5.0V, Pulse current: 5ms
12
A
Brake current
IOB max
VDD=5.0V, square wave current, operating time 15ms
(single pulse, low side brake)
12
A
Allowable power dissipation
PdPK max
No heat sink
2.8
W
Operating substrate temperature
Tc
Metal surface temperature of the package
-20 to +105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC1
With signals applied (Tc=105
°C)
10 to 38
V
Operating supply voltage 2
VCC2
With signals applied (Tc=90
°C)
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5±5%
V
Input voltage
VIN
0 to VDD
V
Output current 1
IO1
VDD=5.0V, DC current, Tc=80°C
6.1
A
Output current 2
IO2
VDD=5.0V, DC current, Tc=105°C
5A
Brake current
IOB
VDD=5.0V, square wave current, operating time 2ms,
Low side brake, Tc=105
°C
12
A
Refer to the graph for each conduction-period tolerance range for the output current and brake current.
Electrical Characteristics
at Tc = 25
°C, VCC = 24V, VDD = 5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
Forward or reverse operation
6
9
mA
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
0.75
1.4
V
Output saturation voltage 1
Vsat1
RL=23Ω, F1, F2
65
100
mV
Output saturation voltage 2
Vsat2
RL=23Ω, F3, F4
50
85
mV
Output leak current
IOL
F1, F2, F3, and F4 OFF operation
50
μA
Input high voltage
VIH
IN1, IN2, ENABLE pins
2.5
V
Input low voltage
VIL
IN1, IN2, ENABLE pins
0.8
V
High-level input current
IILH
IN1, IN2, ENABLE pins, VIH=5V
50
75
μA
Low-Level Input current
IILL
IN1, IN2, ENABLE pins, VIL=GND
10
μA
Overcurrent detection voltage
VOC
Between pins Vref1 and S.P
0.48
V
Internal PWM frequency
fc
32
46
62
kHz
Overheat detection temperature
TSD
Design guarantee
144
°C
Note: A fixed-voltage power supply must be used.


Similar Part No. - STK681-332-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-332-E ONSEMI-STK681-332-E Datasheet
162Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK681-332-E-D SANYO-STK681-332-E-D Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
More results

Similar Description - STK681-332-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com