Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I531-1Q2-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I531-1Q2-20.000
Description  Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I531-1Q2-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I531-1Q2-20.000 Datasheet HTML 1Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Oscillator, TCXO, TCVCXO
I531 / I731 Series *
Ceramic Package, 5 mm x 7 mm
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/06
Specifications subject to change without notice
F4
Frequency
10.000 MHz to 27.000 MHz
Output Level
Clipped Sine
Level
0.8 V p-p Min.
Output Load
20K Ohms / 10 pF
Frequency Stability
See Frequency Stability Table
Frequency Stability at +25
° C
± 1 ppm (I531)
Aging
± 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table, tolerance
±5 %
Current
2 mA Max.
Control Voltage (I731)
1.5 VDC
± 1.0 VDC, ±5 ppm Min.
Slope
Positive
Temperature
Operating
See Operating Temperature Table
Storage
-40
° C to +85° C
Environmental
See Appendix B for information
Package Information
MSL = N.A., Termination = e4
* I531 = Clipped Sine TCXO, I731 = Clipped Sine TCVCXO
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and Gnd (pin 2) to minimize power supply noise.
** Not available at all temperature ranges.
Part Number Guide
Sample Part Number:
I531 - 1Q3 - 20.000
Package and Output
Operating Temperature
Frequency Stability vs. Temperature
Supply Voltage
Frequency
7 = 0
° C to +50° C
**O =
±1.5 ppm
3 = 3.3 VDC
1 = 0
° C to +70° C
**P =
±2.0 ppm
7 = 3.0 VDC
3 = -20
° C to +70 C
Q =
±2.5 ppm
2 = 2.7 VDC
2 = -40
° C to +85° C
R =
±3.0 ppm
I531 -
I731 -
J =
±5.0 ppm
- 20.000 MHz


Similar Part No. - I531-1Q2-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
MicroPower Direct, LLC
I531ERW MPD-I531ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results

Similar Description - I531-1Q2-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I523 ILSI-I523 Datasheet
43Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
I521 ILSI-I521 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I525 ILSI-I525 Datasheet
44Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
logo
MTRONPTI
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com