Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS30 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SS30
Description  For Notebook PC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS30 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SS30 Datasheet HTML 1Page - Sanyo Semicon Device SS30 Datasheet HTML 2Page - Sanyo Semicon Device SS30 Datasheet HTML 3Page - Sanyo Semicon Device SS30 Datasheet HTML 4Page - Sanyo Semicon Device SS30 Datasheet HTML 5Page - Sanyo Semicon Device SS30 Datasheet HTML 6Page - Sanyo Semicon Device SS30 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS30
No.A1878-2/7
Electrical Characteristics
Ta
= 25°C, VCC = 5V, unless specifically noted
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current 1
ICC1
PWM pin = VCC
1.8
2.5
mA
Power supply current 2
ICC2
PWM pin = 0V
20
50
μA
Charge pump output
Output voltage
VG
9.8
V
Output block
Source
Ron (H)
IO = 0.5A, VG = 9.5V
0.6
1.0
Ω
Sink
Ron (L)
IO = 0.5A, VCC = 5.0V
0.6
1.0
Ω
Source + sink
Ron (H+L)
IO = 0.5A, VCC = 5V, VG = 9.5V
1.2
2
Ω
Startup oscillation pin
OSC pin charge current
IOSC1
-2.5
μA
OSC pin discharge current
IOSC2
2.5
μA
PWM input pin
PWM pin high-level input voltage
VPWMH
VCC×0.8
VCC
V
PWM pin low-level input voltage
VPWML
0
VCC×0.2
V
PWM pin current
IPWM
PWM pin = 0V
-50
μA
PWM pin input frequency
fPWM
20
25
50
kHz
FG, 1/2FG, RD output pin
FG, 1/2FG, RD output pin
low-level voltage
VFG
V1/2FG
VRD
When IO = 0.5mA
0.1
0.2
V
Current limiter circuit
Limiter voltage
VRf
RF = 1
Ω
0.225
0.25
0.275
V
Constraint protection circuit
Constraint protection detection time
RDT1
0.5
1.0
s
Constraint protection release time
RDT2
5
s
Thermal protection circuit
Thermal protection circuit operating
temperature
TSD
Design target *
150
180
°C
Temperature hysteresis width
ΔTSD
Design target
30
°C
* : Design target value and no measurement is made. The thermal protection circuit is incorporated to protect the IC from burnout or thermal destruction. Since
it operates outside the IC's guaranteed operating range, the customer's thermal design should be performed so that the thermal protection circuit will not be
activated when the fan is running under normal operating conditions.
Package Dimensions
unit : mm (typ)
3368
SANYO : VCT20(3.0X3.0)
3.0
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
0.25
0.5
(0.5)
(C0.17)
1
2
20
(0.125)
Pd max - Ta
0
0.8
0.6
0.4
0.2
1.2
-30
-20
80
0.46
95
60
20 25
40
0
100
1.0
1.05
Ambient temperature, Ta - C
Specified circuit board : 40.0
×50.0×0.8mm3
glass epoxy board 4 layer


Similar Part No. - SS30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS30 RECTRON-SS30 Datasheet
282Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
ON Semiconductor
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
TOKYO SEIMITSU CO., LTD
SS30 ACCRETECH-SS30 Datasheet
581Kb / 2P
   New standard for semi-automatic dicers with enhanced operability
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
More results

Similar Description - SS30

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V Datasheet
102Kb / 8P
   Bi-CMOS IC For Notebook PC Fan Motor Driver
logo
ON Semiconductor
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com