Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI850 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI850
Description  Fast Switching Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI850 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI850 Datasheet HTML 1Page - Vishay Siliconix GI850 Datasheet HTML 2Page - Vishay Siliconix GI850 Datasheet HTML 3Page - Vishay Siliconix GI850 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88630
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 10-Nov-09
GI850 thru GI858
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, with both leads equally heat sink
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curves
Fig. 2 - Maximum Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI850
GI851
GI852
GI854
GI856
GI858
UNIT
Maximum
instantaneous
forward voltage
3.0 A
TA = 25 °C
VF
1.25
V
9.4 A
TJ = 175 °C
1.10
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
150
150
200
250
300
500
Maximum reverse
recovery current
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
IRM(REC)
200
ns
Maximum reverse
recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
trr
2.0
A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
28
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI850
GI851
GI852
GI854
GI856
GI858
UNIT
Typical thermal resistance
RθJA
(1)
22
°C/W
RθJL
(1)
8.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI856-E3/54
1.1
54
1400
13" diameter paper tape and reel
GI856-E3/73
1.1
73
1000
Ammo pack packaging
Temperature (°C)
30
70
90
110
130
150
170
2.0
6.0
8.0
4.0
0
50
0.8" x 0.8" x 0.04"
(20 mm x 20 mm x 1 mm)
Copper Heatsink
L = Lead Length
L = 0.25
" (6.3
mm)
L =
0.375
" (9.5
mm)
T
A = Ambient Temperature
T
L = Lead Temperature
0.375" (9.5 mm) Lead Length
1
10
100
100
1000
10
Number of Cycles at 60 Hz
T
J = 150 °C
T
J = 25 °C
8.3 ms Single Half Sine-Wave
Repetitive
Non-Repetitive
T
J = 150 °C
T
J = 25 °C


Similar Part No. - GI850

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI850 GE-GI850 Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI850 VISHAY-GI850 Datasheet
80Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
GI850 VISHAY-GI850_V01 Datasheet
80Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
More results

Similar Description - GI850

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com