Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1440 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SFT1440
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SFT1440 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SFT1440 Datasheet HTML 1Page - Sanyo Semicon Device SFT1440 Datasheet HTML 2Page - Sanyo Semicon Device SFT1440 Datasheet HTML 3Page - Sanyo Semicon Device SFT1440 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SFT1440
No. A1816-1/4
Features
ON-resistance RDS(on)=6.2Ω(typ.)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
600
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
1.5
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
6.0
A
Allowable Power Dissipation
PD
1.0
W
Tc=25°C20
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
7518-004
7003-004
Ordering number : ENA1816
81110PE TK IM TC-00002437
SANYO Semiconductors
DATA SHEET
SFT1440
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
Product & Package Information
Electrical Connection
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251, SOT553
• JEITA, JEDEC : SC-63, TO-252, SOT428
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking(TP, TP-FA)
Packing Type(TP-FA) : TL
T1440
LOT No.
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 t o 0.2
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP-FA
TL
1
3
2,4


Similar Part No. - SFT1440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1440 ONSEMI-SFT1440 Datasheet
416Kb / 9P
   N-Channel Power MOSFET
July, 2013
logo
VBsemi Electronics Co.,...
SFT1440 VBSEMI-SFT1440 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
ON Semiconductor
SFT1440-E ONSEMI-SFT1440-E Datasheet
416Kb / 9P
   N-Channel Power MOSFET
July, 2013
logo
VBsemi Electronics Co.,...
SFT1440-E VBSEMI-SFT1440-E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
SFT1440-H VBSEMI-SFT1440-H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SFT1440

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com