Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1330_0910 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SCH1330_0910
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1330_0910 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SCH1330_0910 Datasheet HTML 1Page - Sanyo Semicon Device SCH1330_0910 Datasheet HTML 2Page - Sanyo Semicon Device SCH1330_0910 Datasheet HTML 3Page - Sanyo Semicon Device SCH1330_0910 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCH1330
No. A1460-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input Capacitance
Ciss
VDS=--10V, f=1MHz
120
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
26
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
20
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
5.3
ns
Rise Time
tr
See specified Test Circuit.
9.7
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
16
ns
Fall Time
tf
See specified Test Circuit.
14
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--1.5A
1.7
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.5V, ID=--1.5A
0.28
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.5V, ID=--1.5A
0.47
nC
Diode Forward Voltage
VSD
IS=--1.5A, VGS=0V
--0.89
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7028-002
1.6
0.5
0.2
0.2
1
3
2
64
5
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : SCH6
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --750mA
RL=13.3Ω
VDD= --10V
VOUT
VIN
0V
--4.5V
VIN
SCH1330
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT14614
--0.1 --0.2
--0.6
--0.4
--0.3
--0.7 --0.8
--1.0
--0.9
--0.5
0
0
--0.2
--2.0
--1.4
--1.8
--1.6
--1.2
--1.0
--0.8
--0.6
--0.4
0
--0.2
--2.0
--1.4
--1.8
--1.6
--1.2
--1.0
--0.8
--0.6
--0.4
IT14615
--1.0
--0.5
--2.0
--1.5
--3.0
--2.5
0
VGS= --1.0V
VDS= --10V
--1.5V


Similar Part No. - SCH1330_0910

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCH1330-TL-H ONSEMI-SCH1330-TL-H Datasheet
374Kb / 7P
   P-Channel Power MOSFET 20V, ??.5A, 241m, Single SCH6
July, 2013
More results

Similar Description - SCH1330_0910

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com