Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-05P Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB10-05P
Description  50V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-05P Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB10-05P Datasheet HTML 1Page - Sanyo Semicon Device SB10-05P Datasheet HTML 2Page - Sanyo Semicon Device SB10-05P Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB10-05P
No.2154-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low forward voltage (VF max=0.55V).
Short reverse recovery time (trr max=10ns).
Low switching noise.
Low leakage current and high reliability due to reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
50
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
55
V
Average Output Current
IO
1A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=300µA50
V
Forward Voltage
VF
IF=1A
0.55
V
Reverse Current
IR
VR=25V
80
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
52
pF
Reverse Recovery Time
trr
IF=IR=100mA, See spcifaied Test Circuit
10
ns
Marking : SA
SANYO Semiconductors
DATA SHEET
Ordering number : EN2154B
90507SB TI IM TC-00000880 / 43098HA(KT)/92995GI(KOTO)/1169TA/6177AT,TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SB10-05P
Schottky Barrier Diode
50V, 1A Rectifier


Similar Part No. - SB10-05P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05P SANYO-SB10-05P Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
SB10-05P ONSEMI-SB10-05P Datasheet
82Kb / 4P
   Schottky Barrier Diode
February 2015 - Rev. 1
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
SB10-05P-TD-E ONSEMI-SB10-05P-TD-E Datasheet
82Kb / 4P
   Schottky Barrier Diode
February 2015 - Rev. 1
logo
Sanyo Semicon Device
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
More results

Similar Description - SB10-05P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05 SANYO-SB10-05 Datasheet
57Kb / 2P
   50V, 1A Rectifier
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
SB10W05T SANYO-SB10W05T Datasheet
85Kb / 3P
   50V, 1A Rectifier
SB10W05Z SANYO-SB10W05Z Datasheet
88Kb / 2P
   50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10W05P SANYO-SB10W05P Datasheet
72Kb / 2P
   50V, 1A Rectifier
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
SB10W05V SANYO-SB10W05V Datasheet
72Kb / 2P
   50V, 1A Rectifier
logo
Silicon Supplies
1N4001 SS-1N4001 Datasheet
191Kb / 2P
   50V 1A Standard Rectifier
Rev 1.0 25/08/23
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com