Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N138 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. 6N138
Description  LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

6N138 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  6N138 Datasheet HTML 1Page - Siemens Semiconductor Group 6N138 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–2
6N139/139
Electro-Optical Characteristics (TA=0°C to 70°C, TA=25°C–Typical, unless otherwise specified)
Switching Specifications (TA=25°C)
Notes
1.Derate linearly above 50
°C free-air temperature at a rate of 0.4 mA/°C.
2.Derate linearly above 50
°C free-air temperature at a rate of 0.7 mW/°C.
3.Derate linearly above 25
°C free-air temperature at a rate of 0.7 mA/°C.
4.Derate linearly above 25
°C free-air temperature at a rate of 2.0 mW/°C.
5.DC current transfer ratio is defined as the ratio of outpput collector current, IO, to the forward LED input current, IF times 100%.
6.Pin 7 open.
7.Device considered a two-terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together.
8.Using a resistor between pin 5 and 7 will decrease gain and delay time.
9.Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode
pulse, VCM, to assure that the output will remain in a logic high state (i.e. VO>2.0 V) common mode transient immunity in logic low level is the
maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a
logic low state (i.e. VO<0.8 V).
10.In applications where dv/dt may exceed 50,000 V/
µs (such as state discharge) a series resistor, R
CC should be included to protect IC from
destructively high surge currents. The recommended value is
Parameter
Symbol
Device
Min
.
Typ.
Max.
Units
Test Conditions
Note
Current Transfer Ratio
CTR
6N138
300
1600
%
IF=1.6 mA, VO=0.4 V, VCC=4.5 V
5.6
6N139
400
500
1600
2000
%IF=0.5 mA, VO=0.4 V, VCC=4.5 V
IF=1.6 mA, VO=0.4 V, VCC=4.5 V
5.6
Logic Low
6N138
0.1
0.4
V
IF=1.6 mA, IO=4.8 mA, VCC=4.5 V
6
Output Voltage
VOL
6N139
6N139
6N139
0.1
0.15
0.25
0.4
0.4
0.4
VIF=1.6 mA, IO=8 mA, VCC=4.5 V
IF=5 mA, IO=15 mA, VCC=4.5 V
IF=12 mA, IO=24 mA, VCC=4.5 V
6
Logic High
6N138
0.1
250
µAI
F=0 mA, VO=VCC=7 V
6
Output Current
IOH
6N139
0.05
100
µAI
F=0 mA, VO=VCC=18 V
6
Logic Low Supply Current
ICCL
0.2
1.5
mA
IF=1.6 mA, VO=OPEN, VCC=18 V
6
Logic High Supply Current
ICCH
0.001
10
µAI
F=0 mA, VO=OPEN, VCC=18 V
6
Input Forward Voltage
VF
1.4
1.7
V
IF=1.6 mA, TA=25°C
Input Reverse Breakdown
Voltage
BVR
5V
IR=10 µA
Temperature Coefficient of
Forward Voltage
-1.8
mV/
°CI
F=1.6 mA
Input Capacitance
CIN
25
pF
f=1 MHz, VF=0
Input-Output Insulation
Leakage Current
I-0
1.0
µA
45% Relative Humidity, TA=25°C
t=5S, V1-0=3000 VDC
7
Resistance (Input-Output)
RI-O
10
12
VIO=500 VDC
7
Capacitance (Input-Output)
CI-O
0.6
pF
f=1 MHz
7
Parameter
Symbol
Device
Min
.
Typ.
Max.
Units
Test Conditions
Note
Propagation Delay Time
6N138
2
10
µSI
F=1.6 mA, RL=2.2 KΩ
To Logic Low at Output
tPHL
6N139
6
0.6
25
1
µSI
F=0.5 mA, RL=4.7 KΩ
IF=12 mA, RL=270 Ω
6,8
Propagation Delay Time
6N138
2
35
µSI
F=1.6 mA, RL=2.2 KΩ
To Logic High at Output
tPLH
6N139
4
1.5
60
7
µS
IF=0.5 mA, RL=4.7 KΩ
IF=12 mA, RL=270 Ω
6,8
Common Mode Transient Immunity at Logic
High Level Output
CMH
500
V/
µSI
F=0 mA, RL=2.2 KΩ
RCC=0/VCM/=10 Vp-p
9,10
Common Mode Transient Immunity at Logic
Low Level Ouput
CML
–500
V/
µSI
F=1.6 mA, RL=2.2 KΩ
RCC=0/VCM/=10 Vp-p
9,10
R
CC
IV
0.15I
F mA
()
---------------------------------
k


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn