Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH4014 Datasheet HTML 1Page - Sanyo Semicon Device MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCH4014
No. A1921-2/10
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
1.0
μA
DC Current Gain
hFE
VCE=5V, IC=5mA
60
150
Gain-Bandwidth Product
fT
VCE=5V, IC=10mA
8
10
GHz
Forward Transfer Gain
| S21e |
2
VCE=5V, IC=10mA, f=1GHz
15
18
dB
Noise Figure
NF
VCE=5V, IC=10mA, f=1GHz
1.2
1.8
dB
Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector Current, IC -- mA
fT -- IC
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
IT16301
0
0.2
0.4
0.6
0.8
1.0
IT16302
IT16303
012
10
8
46
2
0
10
30
20
5
15
25
0
10
25
20
15
5
30
IB=0μA
50
μA
2
3
5
7
2
3
5
7
100
10
1000
3
25 7
0.1
3
25 7
1.0
10
3
25 7 100
VCE=5V
VCE=5V
2
7
5
3
0.1
1.0
3
25
100
0.1
73
25 7
1.0
3
25 7 10
f=1MHz
IT16304
IT16306
7
2
3
5
7
2
3
5
100
10
1.0
1.0
23
5
7
10
23
5
7
100
VCE=5V
f=1GHz
5
7
2
3
5
7
2
3
1.0
0.01
0.1
3
25
100
0.1
73
25 7
10
3
25 7
1.0
f=1MHz
IT16305
100
μA
150
μA
200μA
250μA
300μA
350μA
400μA
450
μA


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com