Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL21N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL21N65M5
Description  N-channel 650 V, 0.175 廓, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh??V Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL21N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL21N65M5 Datasheet HTML 1Page - STMicroelectronics STL21N65M5 Datasheet HTML 2Page - STMicroelectronics STL21N65M5 Datasheet HTML 3Page - STMicroelectronics STL21N65M5 Datasheet HTML 4Page - STMicroelectronics STL21N65M5 Datasheet HTML 5Page - STMicroelectronics STL21N65M5 Datasheet HTML 6Page - STMicroelectronics STL21N65M5 Datasheet HTML 7Page - STMicroelectronics STL21N65M5 Datasheet HTML 8Page - STMicroelectronics STL21N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL21N65M5
Electrical ratings
Doc ID 17438 Rev 4
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
650
V
VGS
Gate-source voltage
± 25
V
ID
(1)
1.
The value is rated according to Rthj-case.
Drain current (continuous) at TC = 25 °C
17
A
ID
(1)
Drain current (continuous) at TC = 100 °C
11
A
IDM
(1),(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
68
A
ID
(3)
3.
When mounted on FR-4 board of inch², 2oz Cu.
Drain current (continuous) at TC = 25 °C
2.7
A
ID
(3)
Drain current (continuous) at TC = 100 °C
1.7
A
IDM
(2),(3)
Drain current (pulsed)
10.8
A
PTOT
(3)
Total dissipation at TC = 25 °C (steady state)
3
W
PTOT
(1)
Total dissipation at TC = 25 °C (steady state)
125
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
5A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
400
mJ
dv/dt (4)
4.
ISD ≤ 17 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS, VDD = 400 V.
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1
°C/W
Rthj-amb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-amb max
45
°C/W


Similar Part No. - STL21N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
   Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
January 2016 Rev 1
STL210N4LF7AG STMICROELECTRONICS-STL210N4LF7AG Datasheet
583Kb / 16P
   Automotive N-channel 40 V, 1.35 m typ., 120 A, STripFETTM F7 Power MOSFET in a PowerFLATTM 5x6 package
December 2019 Rev 3
More results

Similar Description - STL21N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
   N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
   N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com