Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL21N65M5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL21N65M5
Description  N-channel 650 V, 0.175 廓, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh??V Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL21N65M5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL21N65M5 Datasheet HTML 6Page - STMicroelectronics STL21N65M5 Datasheet HTML 7Page - STMicroelectronics STL21N65M5 Datasheet HTML 8Page - STMicroelectronics STL21N65M5 Datasheet HTML 9Page - STMicroelectronics STL21N65M5 Datasheet HTML 10Page - STMicroelectronics STL21N65M5 Datasheet HTML 11Page - STMicroelectronics STL21N65M5 Datasheet HTML 12Page - STMicroelectronics STL21N65M5 Datasheet HTML 13Page - STMicroelectronics STL21N65M5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STL21N65M5
Package mechanical data
Doc ID 17438 Rev 4
11/14
Table 8.
PowerFLAT™ 8x8 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
b
0.95
1.00
1.05
c0.10
D8.00
E8.00
D2
7.05
7.20
7.30
E2
4.15
4.30
4.40
e2.00
L
0.40
0.50
0.60
Figure 21.
PowerFLAT™ 8x8 HV drawing mechanical data
INDEX AREA
TOP VIEW
PLANE
SEATING
0.08 C
BOTTOM VIEW
SIDE VIEW
PIN#1 ID
D
e
b
D2
AM05542v1


Similar Part No. - STL21N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
   Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
January 2016 Rev 1
STL210N4LF7AG STMICROELECTRONICS-STL210N4LF7AG Datasheet
583Kb / 16P
   Automotive N-channel 40 V, 1.35 m typ., 120 A, STripFETTM F7 Power MOSFET in a PowerFLATTM 5x6 package
December 2019 Rev 3
More results

Similar Description - STL21N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
   N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
   N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com