Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6928Q1TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6928Q1TR
Description  High efficiency monolithic synchronous step down regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6928Q1TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6928Q1TR Datasheet HTML 2Page - STMicroelectronics L6928Q1TR Datasheet HTML 3Page - STMicroelectronics L6928Q1TR Datasheet HTML 4Page - STMicroelectronics L6928Q1TR Datasheet HTML 5Page - STMicroelectronics L6928Q1TR Datasheet HTML 6Page - STMicroelectronics L6928Q1TR Datasheet HTML 7Page - STMicroelectronics L6928Q1TR Datasheet HTML 8Page - STMicroelectronics L6928Q1TR Datasheet HTML 9Page - STMicroelectronics L6928Q1TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
L6928
6/16
Doc ID 11051 Rev 6
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Irun
RUN input current (2)
25
nA
SYNC/MODE function
Vsync_H
Sync mode threshold high
1.3
V
Vsync_L
Sync mode threshold low
0.5
V
PGOOD section
VPGOOD
Power Good Threshold
VOUT = Vfb
90
%VOUT
ΔV
PGOOD
Power Good Hysteresis
VOUT = Vfb
4%VOUT
VPgood(low) Power Good Low Voltage
Run to GND
0.4
V
ILK-PGOOD
Power Good Leakage
Current (2)
VPGOOD = 3.6 V
50
nA
Protections
HOVP
Hard overvoltage threshold
VOUT = Vfb
10
%VOUT
1.
Specification referred to TJ from -40°C to +125°C. Specification over the -40 to +125°C TJ temperature range are assured
by design, characterization and statistical correlation.
2.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)(1)


Similar Part No. - L6928Q1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6928Q1TR STMICROELECTRONICS-L6928Q1TR Datasheet
264Kb / 16P
   High efficiency monolithic synchronous step down regulator
More results

Similar Description - L6928Q1TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
L6926 STMICROELECTRONICS-L6926 Datasheet
119Kb / 11P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com