Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCSP05H40TR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # FCSP05H40TR
Description  FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FCSP05H40TR Datasheet(HTML) 5 Page - Vishay Siliconix

  FCSP05H40TR Datasheet HTML 1Page - Vishay Siliconix FCSP05H40TR Datasheet HTML 2Page - Vishay Siliconix FCSP05H40TR Datasheet HTML 3Page - Vishay Siliconix FCSP05H40TR Datasheet HTML 4Page - Vishay Siliconix FCSP05H40TR Datasheet HTML 5Page - Vishay Siliconix FCSP05H40TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 95049
For technical questions concerning discrete products, contact: diodestech@vishay.com
www.vishay.com
Revision: 07-Sep-09
For technical questions concerning module products, contact: indmodules@vishay.com
1
FlipKY® 0.5 A/0.75 A
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters
Notes
• Dimensioning and tolerancing per ASME Y14.5M-1994
• Controlling dimension: millimeter
Assignments
1 = Cathode
2 = Cathode
3 = Anode
0.500
0.400
0.200
21
3
0.700
0.071
0.914
1.244
0.520
0.460
0.125
0.105
1.244
0.300
0.395
0.355
PIN 3 anode
0.450
0.250
0.350
0.700
PIN
I
P
e
d
o
h
t
a
c
2
N 1 cathode
0.350
Recommended footprint
0.500
0.173
0.300
0.300


Similar Part No. - FCSP05H40TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP05H40TR VISHAY-FCSP05H40TR Datasheet
95Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Revision: 22-Aug-07
More results

Similar Description - FCSP05H40TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FCSP05H40TR VISHAY-VS-FCSP05H40TR Datasheet
118Kb / 6P
   FlipKY® , Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Revision: 04-Jul-11
FCSP07H40TR VISHAY-FCSP07H40TR_11 Datasheet
118Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 04-Jul-11
FCSP1H40LTR VISHAY-FCSP1H40LTR_11 Datasheet
114Kb / 6P
   FlipKY,1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP0730TR VISHAY-FCSP0730TR_11 Datasheet
112Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 04-Jul-11
FCSP140LTR VISHAY-FCSP140LTR_11 Datasheet
117Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP2H40LTR VISHAY-FCSP2H40LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP130LTR VISHAY-FCSP130LTR_11 Datasheet
115Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP230LTR VISHAY-FCSP230LTR_11 Datasheet
119Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP240LTR VISHAY-FCSP240LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 08-Jun-11
FCSP0530TR VISHAY-FCSP0530TR Datasheet
94Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Revision: 22-Aug-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com