Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA38SA50LCP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # FA38SA50LCP
Description  Power MOSFET, 38 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FA38SA50LCP Datasheet(HTML) 7 Page - Vishay Siliconix

  FA38SA50LCP Datasheet HTML 1Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 2Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 3Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 4Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 5Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 6Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 7Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 8Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94547
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 11-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
FA38SA50LCP
Power MOSFET, 38 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Single switch no diode
S
1
-
Power MOSFET
2
-
Generation 3, MOSFET silicon, DBC construction
3
-
Current rating (38 = 38 A)
4
-
Single switch (see Circuit Configuration table)
5
-
SOT-227
6
-
Voltage rating (50 = 500 V)
8
7
-
Low charge
-
P = Lead (Pb)-free
Device code
5
13
24
67
8
F
A
38
S
A
50
LC
P
S (1-4)
D(3)
G (2)
Lead assignment
S
D
G
S
3
2
4
1
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95036
Packaging information
www.vishay.com/doc?95037


Similar Part No. - FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FA38SA50LC IRF-FA38SA50LC Datasheet
171Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
Revision: 08-Aug-13
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
   N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
   MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
   MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NTMFS4927NT1G ONSEMI-NTMFS4927NT1G Datasheet
120Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 8
NTMFS4C13NT1G ONSEMI-NTMFS4C13NT1G Datasheet
126Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com