Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV76213A2C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV76213A2C
Description  For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV76213A2C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV76213A2C Datasheet HTML 1Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 2Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 3Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 4Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 5Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 6Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 7Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 8Page - Sanyo Semicon Device LV76213A2C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LV76213A2C
No.A1937-4/44
BIP Chip Electrical Characteristics at Ta=25
°C, ICC=I9=11mA ICC=I20=13mA ICC=I49=22mA VCC=V62= V4=5.0V
Parameter
Symbol
Conditions
min
typ
max
Unit
[Circuit voltage, current]
Horizontal supply voltage
V20
I20=13mA
4.7
5.0
5.3
V
Logic supply voltage
V9
I9=11mA
3.0
3.3
3.6
V
RGB supply voltage
V49
I49=22mA
7.8
8.15
8.5
V
IF supply current
I62
V62=5.0V
67
78
89
mA
Video supply current
I4
V4=5.0V
79
99
119
mA
[VIF block]
Maximum RFAGC voltage
VRFH
CW=80 dBµ, DAC=0
4.3
4.7
5
Vdc
Minimum RFAGC voltage
VRFL
CW=80 dBµ, DAC=63
0
0.3
0.7
Vdc
RF AGC Delay Pt (@DAC=0)
RFAGC0
DAC=0
90
dBµ
RF AGC Delay Pt (@DAC=63)
RFAGC63
DAC=63
80
dBµ
Input sensitivity
Vi
Output-3db
46
dBµ
Sync signal tip level
VOtip
CW=80 dBµ
1.1
1.4
1.7
Vdc
Video output amplitude
VO
80dBu,AM=78%,fm=15kHz
1.90
2.00
2.10
Vp_p
Video S/N
S/N
CW=80 dBµ
40
45
dB
C-S beat level
IC-S
V4.43MHz/V1.07MHz
35
dB
Differential gain
DG
80 dBµ, 87.5% Video MOD
10
15
%
Differential phase
DP
80 dBµ, 87.5% Video MOD
5.0
10.0
deg
APC pull-in range(U)
fPU
2.0
MHz
APC pull-in range(L)
fPL
2.0
MHz
NTSC Trap1(4.5MHz)
NTR1
-27
dB
BG Trap1(5.5MHz)
BTR1
-27
dB
I Trap1(6.0MHz)
ITR1
-27
dB
DK Trap1(6.5MHz)
DTR1
-27
dB
[SIF block]
FM detection output voltage
SOADJ
FM=±50kHz
450
630
850 mVrms
FM limiting sensitivity
SLS
Output -3dB
60
dBµ
FM detection output f characteristics
SF
fm=100kHz
-0.5
6.0
10.0
dB
FM detection output distortion
STHD
FM=±50kHz
3.0
%
SIF S/N
SSN
DIN Audio
45.0
dB
[AUDIO block]
Volume gain
(Stereo mode)
AVGT
1kHz
-3.0
0.0
+3.0
dB
Maximum output voltage (Stereo mode)
AVOT
1kHz THD=1%
0.8
1.0
1.2
Vrms
Frequency characteristic (Stereo mode)
AFREQT
20
30
kHz
Total harmonic distortion (Stereo mode)
ATHDT
DIN Audio
0.05
0.25
%
Output voltage noise
(Stereo mode)
ANOT
DIN Audio
-75
-70
dBV
Cross talk
(Stereo mode)
ACTT
DIN Audio
-80
-70
dB
Volume gain
(Mono mode)
AVGM
1kHz
-3.0
0.0
+3.0
dB
Maximum output voltage (Stereo mode)
AVOM
1kHz THD=1%
0.8
1.0
1.2
Vrms
Frequency characteristic (Mono mode)
AFREQM
20
30
kHz
Total harmonic distortion (Mono mode)
ATHDM
DIN Audio
0.05
0.20
%
Output voltage noise
(Mono mode)
ANOM
DIN Audio
-75
-70
dBV
Maximum output voltage (Surround mode)
AVOS
1kHz MODE-C, THD=1%
4
7
10
dB
Total harmonic distortion (Surround mode)
ATHDS
DIN Audio
0.2
0.5
%
Output voltage noise (Surround mode)
ANOS
DIN Audio
-750
-700
dBV
Bass band control range
AGEQB
100Hz
±9
±13
±17
dB
Treble band control range
AGEQT
10kHz
±9
±13
±17
dB
Mute
AMUTE
DIN Audio
-80
-70
dB
L/R Balance
ABT
1kHz
-1.0
0
1.0
dB


Similar Part No. - LV76213A2C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
More results

Similar Description - LV76213A2C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106F SANYO-LV766106F Datasheet
548Kb / 41P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116F SANYO-LV766116F Datasheet
565Kb / 43P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116C SANYO-LV766116C Datasheet
552Kb / 42P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LA76835NM SANYO-LA76835NM_07 Datasheet
276Kb / 50P
   Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Mitsubishi Electric Sem...
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com