Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV71081E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV71081E
Description  For Video/Audio Signal Input/ Output Interface of DVD Recorder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV71081E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV71081E Datasheet HTML 1Page - Sanyo Semicon Device LV71081E Datasheet HTML 2Page - Sanyo Semicon Device LV71081E Datasheet HTML 3Page - Sanyo Semicon Device LV71081E Datasheet HTML 4Page - Sanyo Semicon Device LV71081E Datasheet HTML 5Page - Sanyo Semicon Device LV71081E Datasheet HTML 6Page - Sanyo Semicon Device LV71081E Datasheet HTML 7Page - Sanyo Semicon Device LV71081E Datasheet HTML 8Page - Sanyo Semicon Device LV71081E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LV71081E
No.A1610-2/31
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage 1
VCC
5.0
V
Recommended supply voltage 2
VCC
12.0
V
Operating supply voltage range 1
VCC opg
4.5 to 5.3
V
Operating supply voltage range 2
VCC opg
11.1 to 12.5
V
Electrical Characteristics at Ta = 25°C, VCC = 2.8V
Input signal
Out
Ratings
Parameter
Symbol
Point
Signal
Freq
Point
Test condition
min
typ
max
Unit
Current dissipation 1 (5V)
ICC1
Pin6, 8, 25, 40 flow in current
when non-signal
97.7
115.0
132.2
mA
Current dissipation 2
(ALL5V)
ICC2
Pin42, 84, 94 flow in current
when non-signal
20.0
23.0
26.0
mA
Current dissipation 3
(11.6V)
ICC3
Pin46 flow in current when
non-signal
18.7
22.0
25.3
mA
Video CANAL SW part
Output voltage 1
VDCC
26
28
AV1, AV2-OUT (Sync tip)
0.3
0.5
0.7
V
Voltage gain
VGC
100k
26
28
VIN = 1Vp-p, AV1, AV2-OUT
5.5
6.0
6.5
dB
Frequency characteristics
VFC
26
28
VIN = 1Vp-p,
f = 10MHz/100kHz
-1.0
0.0
+1.0
dB
Differential gain
DGC
26
28
VIN = Video : 1Vp-p
-1
0
+1
%
Differential phase
DPC
26
28
VIN = Video : 1Vp-p
-1.5
0
+1.5
°C
Cross-talk
CTC
4.43M
26
28
Selected input = GND
Non-selected input = 1Vp-p,
f = 4.43MHz
-60
-50
dB
Picture S/N
VSNC
26
28
VIN = Video (50%White)
-70
-65
dB
Maximum output level
VOMAXC
26
28
Output level ar which the
linearity of AVI-OUT (pin 26)
and AV2-OUT (pin 28)
exceeds 1%.
VIN = Linearity (lamp) signal
Output level at linearity 1%
2.8
3.0
Vp-p
Video INPUT SW part
Output voltage 1
VDCI1
83
Composite (Sync-Tip)
0.8
1.0
1.2
V
Output voltage 2
VDCI2
83
Y (Sync-Tip)
0.8
1.0
1.2
V
Output voltage 3
VDCI3
81
Chroma (Center)
1.8
2.1
2.4
V
Voltage gain 1
VGI1
100k
81
83
VIN = 1Vp-p, load = 10kΩ
-0.5
0.0
+0.5
dB
Voltage gain 2
VGI2
100k
85
VIN = 1Vp-p, load = 10kΩ
(SLICER output only)
5.5
6.0
6.5
dB
Frequency characteristics
VFI
81
83
VIN = 1Vp-p,
f = 10MHz/100kHz
-1.0
0.0
+1.0
dB
Differential Gain
DGSW
83
VIN = Video :1Vp-p
-1
0
+1
%
Differential Phase
DPSW
83
VIN = Video :1Vp-p
-1.5
0
+1.5
°C
Cross-talk
CTC
4.43M
81
83
Selected input = GND
Non-selected input = 1Vp-p,
f = 4.43MHz
-60
-50
dB
Picture S/N
VSNC
83
VIN = Video (50%White)
-66
-60
dB
Maximum output level
VOMAXSW
83
Output level when the linearity
of pin 83 exceeds 1%.
VIN = Linearity (lamp) signal
Output level at linearity 1%
1.8
2.0
Vp-p
Continued on next page.


Similar Part No. - LV71081E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
ON Semiconductor
LV71081E ONSEMI-LV71081E Datasheet
376Kb / 31P
   Video/Audio Signal IO Interface
July, 2013
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
More results

Similar Description - LV71081E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV7107M SANYO-LV7107M Datasheet
916Kb / 35P
   Bi-CMOS IC For Video/Audio Signal Input/ Output Interface of DVD Recorder
LA73031V SANYO-LA73031V Datasheet
371Kb / 10P
   For DVD Recorder Video Signal Input Switch
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
BH7625KS2 ROHM-BH7625KS2 Datasheet
414Kb / 6P
   Input switching interface LSI for the DVD recorder
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
Rohm
BH7602FS ROHM-BH7602FS Datasheet
306Kb / 6P
   Wide Bandwidth video Driver for DVD recorder
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com