Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV47011P Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV47011P
Description  For Car Audio Systems 4-Channel BTL Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV47011P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV47011P Datasheet HTML 1Page - Sanyo Semicon Device LV47011P Datasheet HTML 2Page - Sanyo Semicon Device LV47011P Datasheet HTML 3Page - Sanyo Semicon Device LV47011P Datasheet HTML 4Page - Sanyo Semicon Device LV47011P Datasheet HTML 5Page - Sanyo Semicon Device LV47011P Datasheet HTML 6Page - Sanyo Semicon Device LV47011P Datasheet HTML 7Page - Sanyo Semicon Device LV47011P Datasheet HTML 8Page - Sanyo Semicon Device LV47011P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LV47011P
No.A1838-2/10
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max1
No signal, t = 1 minute
26
V
VCC max2
During operations
18
V
Maximum output current
IO peak
Per channel
4.5/ch
A
Allowable power dissipation
Pd max
With an infinity heat sink
50
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
Thermal resistance between the junction
and case
θj-c
1
°C/W
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
14.4
V
Recommended load resistance
RL op
4
Ω
Operating supply voltage range
VCC op
A range not exceeding Pdmax
8 to 16
V
Electrical Characteristics at Ta = 25°C, VCC = 14.4V, RL = 4Ω, f = 1kHz, Rg = 600Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
RL = ∞, Rg = 0Ω
200
400
mA
Standby current
Ist
Vst = 0V
3
μA
Voltage gain
VG
VO = 0dBm
25
26
27
dB
Voltage gain difference
ΔVG
-1
+1
dB
Output power
PO
THD = 10%
24
29
W
PO max1
Max Power
45
W
PO max2
VCC = 15.2, Max Power
50
W
Output offset voltage
Vn offset
Rg = 0
Ω
-100
+100
mV
Total harmonic distortion
THD
PO = 4W
0.03
0.12
%
Channel separation
CHsep
VO = 0dBm, Rg = 10kΩ
55
65
dB
Ripple rejection ratio
SVRR
Rg = 0
Ω, fr = 100Hz, VCCR = 0dBm
50
65
dB
Output noise voltage
VNO
Rg = 0
Ω, B.P.F. = 20Hz to 20kHz
80
150
μVrms
Input resistance
Ri
40
50
65
k
Ω
Mute attenuation
Matt
VO = 20dBm, mute : on
75
90
dB
Standby pin control voltage
Vstby H
Amp : on
2.5
VCC
V
Vstby L
Amp : off
0.0
0.5
V
Mute pin control voltage
Vmute H
Mute : off
Open
-
Vmute L
Mute : on
0.0
1.0
V
Output offset detection
Detection threshold voltage
Vosdet
±1.2
±1.8
±2.4
V
* 0dBm = 0.775Vrms


Similar Part No. - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47011P ONSEMI-LV47011P Datasheet
172Kb / 10P
   4-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
More results

Similar Description - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
   Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
   Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com